Electronic Components Datasheet Search
  English  ▼

X  

AD73360ASU Datasheet(PDF) 19 Page - Analog Devices

Part # AD73360ASU
Description  Six-Input Channel Analog Front End
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73360ASU Datasheet(HTML) 19 Page - Analog Devices

Back Button AD73360ASU Datasheet HTML 15Page - Analog Devices AD73360ASU Datasheet HTML 16Page - Analog Devices AD73360ASU Datasheet HTML 17Page - Analog Devices AD73360ASU Datasheet HTML 18Page - Analog Devices AD73360ASU Datasheet HTML 19Page - Analog Devices AD73360ASU Datasheet HTML 20Page - Analog Devices AD73360ASU Datasheet HTML 21Page - Analog Devices AD73360ASU Datasheet HTML 22Page - Analog Devices AD73360ASU Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
REV. A
AD73360
–19–
Master Clock Divider
The AD73360 features a programmable master clock divider
that allows the user to reduce an externally available master
clock, at pin MCLK, by one of the ratios 1, 2, 3, 4 or 5 to pro-
duce an internal master clock signal (DMCLK) that is used to
calculate the sampling and serial clock rates. The master clock
divider is programmable by setting CRB:4-6. Table XV shows
the division ratio corresponding to the various bit settings. The
default divider ratio is divide-by-one.
Table XV. DMCLK (Internal) Rate Divider Settings
MCD2
MCD1
MCD0
DMCLK Rate
0
0
0
MCLK
0
0
1
MCLK/2
0
1
0
MCLK/3
0
1
1
MCLK/4
1
0
0
MCLK/5
1
0
1
MCLK
1
1
0
MCLK
1
1
1
MCLK
Serial Clock Rate Divider
The AD73360 features a programmable serial clock divider that
allows users to match the serial clock (SCLK) rate of the data to
that of the DSP engine or host processor. The maximum SCLK
rate available is DMCLK and the other available rates are:
DMCLK/2, DMCLK/4 and DMCLK/8. The slowest rate
(DMCLK/8) is the default SCLK rate. The serial clock divider
is programmable by setting bits CRB:2–3. Table XVI shows the
serial clock rate corresponding to the various bit settings.
Table XVI. SCLK Rate Divider Settings
SCD1
SCD0
SCLK Rate
0
0
DMCLK/8
0
1
DMCLK/4
1
0
DMCLK/2
1
1
DMCLK
Decimation Rate Divider
The AD73360 features a programmable decimation rate divider
that allows users flexibility in matching the AD73360’s ADC
sample rates to the needs of the DSP software. The maximum
sample rate available is DMCLK/256 and the other available
rates are: DMCLK/512, DMCLK/1024 and DMCLK/2048.
The slowest rate (DMCLK/2048) is the default sample rate.
The sample rate divider is programmable by setting bits CRB:0-1.
Table XVII shows the sample rate corresponding to the various
bit settings.
Table XVII. Decimation Rate Divider Settings
DR1
DR0
Sample Rate
0
0
DMCLK/2048
0
1
DMCLK/1024
1
0
DMCLK/512
1
1
DMCLK/256
OPERATION
General Description
The AD73360 inputs and outputs data in a Time Division
Multiplexing (TDM) format. When data is being read from the
AD73360 each channel has a fixed time slot in which its data is
transmitted. If a channel is not powered up, no data is transmit-
ted during the allocated time slot and the SDO line will be
three-stated. When the AD73360 is first powered up or reset it
will be set to Program Mode and will output an SDOFS. After a
reset the SDOFS will be asserted once every sample period
(125
µs assuming 16.384 MHz master clock). If the AD73360 is
configured in Frame Sync Loop-Back Mode, one control word
can be transmitted after each SDOFS pulse. Figure 10a shows
the SDO and SDOFS lines after a reset. The serial data sent by
SDO will not contain valid ADC data until the AD73360 is put
into Data Mode or Mixed Mode. Control Registers D through
F allow channels to be powered up individually. This gives
greater flexibility and control over power consumption. Figure
10b shows the SDOFS and SDO of the AD73360 when all
channels are powered up and Figure 10c shows SDOFS and
SDO with channels 1, 3 and 5 powered up.
SDOFS
SDO
SE
1/FSAMPLE
Figure 10a. Output Timing After Reset (Program Mode)
SDOFS
SDO
SE
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
CHANNEL 5
CHANNEL 6
Figure 10b. Output Timing: All Channels Powered Up (Data/Mixed Mode)
SDOFS
SDO
SE
CHANNEL 5
CHANNEL 1
CHANNEL 3
Figure 10c. Output Timing: Channels 1, 3 and 5 Powered Up (Data/Mixed Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com