Electronic Components Datasheet Search
  English  ▼

X  

OP727ARZ Datasheet(PDF) 2 Page - Analog Devices

Part # OP727ARZ
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP727ARZ Datasheet(HTML) 2 Page - Analog Devices

  OP727ARZ Datasheet HTML 1Page - Analog Devices OP727ARZ Datasheet HTML 2Page - Analog Devices OP727ARZ Datasheet HTML 3Page - Analog Devices OP727ARZ Datasheet HTML 4Page - Analog Devices OP727ARZ Datasheet HTML 5Page - Analog Devices OP727ARZ Datasheet HTML 6Page - Analog Devices OP727ARZ Datasheet HTML 7Page - Analog Devices OP727ARZ Datasheet HTML 8Page - Analog Devices OP727ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. C
–2–
OP777/OP727/OP747–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage OP777
VOS
+25 C < T A < +85 C
20
100
µV
–40
°C < TA < +85 °C
50
200
µV
Offset Voltage OP727/OP747
+25 C < T A < +85 C
30
160
µV
–40
°C < TA < +85 °C
60
300
µV
Input Bias Current
IB
–40
°C < TA < +85 °C
5.5
11
nA
Input Offset Current
IOS
–40
°C < T
A < +85
°C
0.1
2
nA
Input Voltage Range
0
4
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 4 V
104
110
dB
Large Signal Voltage Gain
AVO
RL = 10 k
Ω , V
O = 0.5 V to 4.5 V
300
500
V/mV
Offset Voltage Drift OP777
∆VOS/∆T
–40
°C < TA < +85 °C
0.3
1.3
µV/°C
Offset Voltage Drift OP727/OP747
∆VOS/∆T
–40
°C < TA < +85 °C
0.4
1.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA, –40
°C to +85 °C
4.88
4.91
V
Output Voltage Low
VOL
IL = 1 mA, –40
°C to +85 °C
126
140
mV
Output Circuit
IOUT
VDROPOUT < 1 V
±10
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 3 V to 30 V
120
130
dB
Supply Current/Amplifier OP777
ISY
VO = 0 V
220
270
µA
–40
°C < TA < +85 °C
270
320
µA
Supply Current/Amplifier OP727/OP747
VO = 0 V
235
290
µA
–40
°C < T
A < +85
°C
290
350
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
Ω
0.2
V/
µs
Gain Bandwidth Product
GBP
0.7
MHz
NOISE PERFORMANCE
Voltage Noise
enp-p
0.1 Hz to 10 Hz
0.4
µV p-p
Voltage Noise Density
en
f = 1 kHz
15
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.13
pA/
√Hz
NOTES
Typical specifications: >50% of units perform equal to or better than the “typical” value.
Specifications subject to change without notice.
(@ VS = 5.0 V, VCM = 2.5 V, TA = 25 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com