Electronic Components Datasheet Search
  English  ▼

X  

DAC8248FP Datasheet(PDF) 12 Page - Analog Devices

Part # DAC8248FP
Description  Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8248FP Datasheet(HTML) 12 Page - Analog Devices

Back Button DAC8248FP Datasheet HTML 8Page - Analog Devices DAC8248FP Datasheet HTML 9Page - Analog Devices DAC8248FP Datasheet HTML 10Page - Analog Devices DAC8248FP Datasheet HTML 11Page - Analog Devices DAC8248FP Datasheet HTML 12Page - Analog Devices DAC8248FP Datasheet HTML 13Page - Analog Devices DAC8248FP Datasheet HTML 14Page - Analog Devices DAC8248FP Datasheet HTML 15Page - Analog Devices DAC8248FP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DAC8248
–12–
REV. B
INTERFACE CONTROL LOGIC PIN FUNCTIONS
LSB
/MSB – (PIN 17) LEAST SIGNIFICANT BIT (Active
Low)/ MOST SIGNIFICANT BIT (Active High). Selects
lower 8-bits (LSBs) or upper 4-bits (MSBs); either can be
loaded first. It is used with the WR signal to load data into the
input registers. Data is loaded in a right justified format.
DAC A
/DAC B – (PIN 18) DAC SELECTION. Active low
for DAC A and Active High for DAC B.
WR
– (PIN 20) WRITE – Active Low. Used with the LSB/
MSB signal to load data into the input registers, or Active High
to latch data into the input registers.
LDAC
– (PIN 19) LOAD DAC. Used to transfer data sim-
ultaneously from DAC A and DAC B input registers to both
DAC output registers. The DAC register becomes transparent
(activity on the digital inputs appear at the analog output) when
both WR and LDAC are low. Data is latched into the output
registers on the rising edge of LDAC.
RESET
– (PIN 16) – Active Low. Functions as a zero over-
ride; all registers are forced to zero when the RESET signal is
low. All registers are latched to zeros when the write signal is
high and RESET goes high.
APPLICATIONS INFORMATION
UNIPOLAR OPERATION
Figure 7 shows a simple unipolar (2-quadrant multiplication)
circuit using the DAC8248 and OP270 dual op amp (use two
OP42s for applications requiring higher speeds), and Table I
shows the corresponding code table. Resistors R1, R2, and R3,
R4 are used only if full-scale gain adjustments are required.
Table I. Unipolar Binary Code Table (Refer to Figure 7)
Binary Number in
DAC Register
Analog Output, VOUT
MSB
LSB
(DAC A or DAC B)
1111 1111 1111
–VREF
4095
4096
1000 0000 0000
–VREF
2048
4096
= –
1
2
VREF
0000 0000 0001
–VREF
1
4096
0000 0000 0000
0 V
NOTE
1 LSB = (2
-12) (V
REF)=
1
4096
(VREF)
Figure 7. Unipolar Configuration (2-Ouadrant Multiplication)
Low temperature-coefficient (approximately 50 ppm/
°C) resis-
tors or trimmers should be used. Maximum full-scale error
without these resistors for the top grade device and VREF =
±10 V is 0.024%, and 0.049% for the low grade. Capacitors C1
and C2 provide phase compensation to reduce overshoot and
ringing when high-speed op amps are used.
Full-scale adjustment is achieved by loading the appropriate
DAC’s digital inputs with 1111 1111 1111 and adjusting R1 (or
R3 for DAC B) so that:
VOUT = VREF ×
4095
4096
Full-scale can also be adjusted by varying VREF voltage and
eliminating R1, R2, R3, and R4. Zero adjustment is performed by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com