Electronic Components Datasheet Search
  English  ▼

X  

OP777ARM Datasheet(PDF) 11 Page - Analog Devices

Part # OP777ARM
Description  Precision Micropower Single-Supply Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP777ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button OP777ARM Datasheet HTML 7Page - Analog Devices OP777ARM Datasheet HTML 8Page - Analog Devices OP777ARM Datasheet HTML 9Page - Analog Devices OP777ARM Datasheet HTML 10Page - Analog Devices OP777ARM Datasheet HTML 11Page - Analog Devices OP777ARM Datasheet HTML 12Page - Analog Devices OP777ARM Datasheet HTML 13Page - Analog Devices OP777ARM Datasheet HTML 14Page - Analog Devices OP777ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. C
OP777/OP727/OP747
–11–
Input Over Voltage Protection
When the input of an amplifier is more than a diode drop below
VEE, or above V CC, large currents will flow from the substrate
(V–) or the positive supply (V+), respectively, to the input pins
which can destroy the device. In the case of OP777/OP727/
OP747, differential voltages equal to the supply voltage will not
cause any problem (see Figure 3). OP777/OP727/OP747 has
built- in 500
Ω internal current limiting resistors, in series with the
inputs, to minimize the chances of damage. It is a good practice to
keep the current flowing into the inputs below 5 mA. In this con-
text it should also be noted that the high breakdown of the input
transistors removes the necessity for clamp diodes between the
inputs of the amplifier, a feature that is mandatory on many preci-
sion op amps. Unfortunately, such clamp diodes greatly interfere
with many application circuits such as precision rectifiers and
comparators. The OP777/OP727/OP747 series is free from such
limitations.
30V
V p-p = 32V
OP777/
OP727/
OP747
Figure 3a. Unity Gain Follower
TIME – 400 s/DIV
VSY = 15V
VIN
VOUT
Figure 3b. Input Voltage Can Exceed the Supply Voltage
Without Damage
Phase Reversal
Many amplifiers misbehave when one or both of the inputs are
forced beyond the input common-mode voltage range. Phase
reversal is typified by the transfer function of the amplifier effectively
reversing its transfer polarity. In some cases this can cause lockup in
servo systems and may cause permanent damage or nonrecoverable
parameter shifts to the amplifier. Many amplifiers feature compensa-
tion circuitry to combat these effects, but some are only effective for
the inverting input. Additionally, many of these schemes only work
for a few hundred millivolts or so beyond the supply rails. OP777/
OP727/OP747 has a protection circuit against phase reversal
when one or both inputs are forced beyond their input common-
mode voltage range. It is not recommended that the parts be
continuously driven more than 3 V beyond the rails.
TIME – 400 s/DIV
VSY = 15V
VIN
VOUT
Figure 4. No Phase Reversal
Output Stage
The CMOS output stage has excellent (and fairly symmetric) output
drive and with light loads can actually swing to within 1 mV of both
supply rails. This is considerably better than similar amplifiers
featuring (so-called) rail-to-rail bipolar output stages. OP777/
OP727/OP747 is stable in the voltage follower configuration and
responds to signals as low as 1 mV above ground in single supply
operation.
2.7V TO 30V
VIN = 1mV
OP777/
OP727/
OP747
VOUT = 1mV
Figure 5. Follower Circuit
TIME – 10 s/DIV
1.0mV
Figure 6. Rail-to-Rail Operation
Output Short Circuit
The output of the OP777/OP727/OP747 series amplifier is protected
from damage against accidental shorts to either supply voltage,
provided that the maximum die temperature is not exceeded on a
long-term basis (see Absolute Maximum Rating section). Current of
up to 30 mA does not cause any damage.
A Low-Side Current Monitor
In the design of power supply control circuits, a great deal of design
effort is focused on ensuring a pass transistor’s long-term reliability
over a wide range of load current conditions. As a result, monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com