Electronic Components Datasheet Search
  English  ▼

X  

606FSR330XZ5JS Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 606FSR330XZ5JS
Description  55C Radial lead Photoflash aluminum electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

606FSR330XZ5JS Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  606FSR330XZ5JS Datasheet HTML 1Page - Illinois Capacitor, Inc. 606FSR330XZ5JS Datasheet HTML 2Page - Illinois Capacitor, Inc. 606FSR330XZ5JS Datasheet HTML 3Page - Illinois Capacitor, Inc. 606FSR330XZ5JS Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSR
+55°C, photoflash Radial lead
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
80
310
806FSR330XGAG
1.105
80
10x30
80
310
806FSR330XHJG
1.105
80
12x20
80
310
806FSR360XBAG
1.105
80
11x30
80
310 806FSR360XG3AD
1.105
80
10.3x5
80
310 806FSR360XG6AA
1.105
80
10.6x33
100
300
107FSR300XTJG
0.884
100
12.5x20
100
300
107FSR300XBJF
0.884
100
11x28
100
300 107FSR300XG3AJ
0.884
100
10.3x32
100
300 107FSR300XG6AG
0.884
100
10.6x30
100
300
107FSR300XGAC
0.884
100
10x34
100
300
107FSR300XHJJ
0.884
100
12x22
100
300 107FSR300XZ2CB
0.884
100
9.2x41
100
300 107FSR300XZ5CG
0.884
100
9.5x40
100
310
107FSR310XBJF
0.884
100
11x28
100
310 107FSR310XG3AA
0.884
100
10.3x33
100
310 107FSR330XG6AJ
0.884
100
10.6x32
100
310
107FSR330XGAS
0.884
100
10x37
100
310
107FSR330XHJA
0.884
100
12x23
100
310 107FSR310XZ2CA
0.884
100
9.2x43
100
310 107FSR310XZ5CG
0.884
100
9.5x40
100
310
107FSR310XTJB
0.884
100
12.5x21
100
310
107FSR330XTJJ
0.884
100
12.5x22
100
310 107FSR310XG6AB
0.884
100
10.6x31
100
310
107FSR310XGAD
0.884
100
10x35
100
310
107FSR310XHJJ
0.884
100
12x22
100
310
107FSR330XBAG
0.884
100
11x30
100
310 107FSR330XG3AD
0.884
100
10.3x35
100
310
107FSR330XJJB
0.884
100
13x21
100
310 107FSR330XZ2CA
0.884
100
9.2x43
100
310 107FSR330XZ5CG
0.884
100
9.5x40
100
360
107FSR360XGCD
0.884
100
10x45
100
360
107FSR360XHJF
0.884
100
12x28
100
360
107FSR360XTJS
0.884
100
12.5x27
100
360
107FSR360XBAW
0.884
100
11x36
100
360 107FSR360XG3CA
0.884
100
10.3x43
100
360 107FSR360XG6CG
0.884
100
10.6x40
110
300
117FSR300XGAS
0.804
110
10x37
110
300
117FSR300XHJA
0.804
110
12x23
110
300
117FSR300XJJB
0.804
110
13x21
110
300
117FSR300XBAG
0.804
110
11x30
110
300 117FSR300XG3AD
0.804
110
10.3x35
110
300 117FSR300XG6AJ
0.804
110
10.6x32
110
300
117FSR300XZ5CJ
0.804
110
9.5x42
110
300
117FSR300XTJJ
0.804
110
12.5x22
110
310
117FSR310XBAB
0.804
110
11x31
110
310
117FSR330XGCG
0.804
110
10x40
110
310
117FSR330XHJD
0.804
110
12x25
110
310
117FSR330XJJA
0.804
110
13x23
110
310
117FSR310XGAF
0.804
110
10x38
110
310
117FSR310XHJC
0.804
110
12x24
110
310
117FSR310XJJJ
0.804
110
13x22
110
310
117FSR330XBAJ
0.804
110
11x32
110
310 117FSR330XG3AF
0.804
110
10.3x38
110
310 117FSR330XG6AD
0.804
110
10.6x35
110
310 117FSR330XZ5CD
0.737
110
9.5x45
110
310
117FSR330XPJJ
0.804
110
13.5x22
110
310
117FSR330XTJC
0.804
110
12.5x24
110
310 117FSR310XZ2CW 0.804
110
9.2x46
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
LC (µA)
20°C,
5 minutes
Dims DxL
(mm)
110
310 117FSR310XZ5CA
0.804
110
9.5x43
110
310
117FSR310XTJA
0.804
110
12.5x23
110
310 117FSR310XG3AW 0.804
110
10.3x36
110
310 117FSR310XG6AA
0.804
110
10.6x33
120
300
127FSR300XGCG
0.737
120
10x40
120
300
127FSR300XHJD
0.737
120
12x25
120
300
127FSR300XJJA
0.737
120
13x23
120
300
127FSR300XTJC
0.737
120
12.5x24
120
300
127FSR300XBAJ
0.737
120
11x32
120
300 127FSR300XG3CA
0.737
120
10.3x43
120
300 127FSR300XG6AD
0.737
120
10.6x35
120
310
127FSR310XBAA
0.737
120
11x33
120
310 127FSR310XG3AK
0.737
120
10.3x39
120
310
127FSR310XJJA
0.737
120
13x23
120
310 127FSR310XZ5CS
0.737
120
9.5x47
120
310
127FSR310XTJC
0.737
120
12.5x24
120
310 127FSR310XG6AW 0.737
120
10.6x36
120
310
127FSR310XGCG
0.737
120
10x40
120
310
127FSR310XHJD
0.737
120
12x25
120
310
127FSR330XGCA
0.737
120
10x43
120
310
127FSR330XHJS
0.737
120
12x27
120
310
127FSR330XJJD
0.737
120
13x25
120
310
127FSR330XBAD
0.737
120
11x35
120
310 127FSR330XG3CB
0.737
120
10.3x41
120
310 127FSR330XG6AF
0.737
120
10.6x38
120
310
127FSR330XPJA
0.737
120
13.5x23
120
310
127FSR330XTJW
0.737
120
12.5x26
120
360
127FSR360XBCA
0.737
120
11x43
120
360 127FSR360XG6CW 0.737
120
10.6x46
120
360
127FSR360XHAJ
0.737
120
12x32
120
360
127FSR360XTAB
0.737
120
12.5x30
140
300
147FSR300XHJF
0.632
140
12x28
140
300
147FSR300XJJC
0.632
140
13x24
140
300
147FSR300XTJD
0.632
140
12.5x25
140
300
147FSR300XBAW
0.632
140
11x36
140
300 147FSR300XG3CF
0.632
140
10.3x48
140
300 147FSR300XG6CG
0.632
140
10.6x40
140
300
167FSR300XBCB
0.553
160
11x41
140
300 167FSR300XG6CC
0.553
160
10.6x44
140
310
147FSR310XTJF
0.632
140
12.5x28
140
310
147FSR330XBAK
0.632
140
11x39
140
310 147FSR330XG3CW 0.632
140
10.3x46
140
310
147FSR330XPJW
0.632
140
13.5x26
140
310
147FSR330XQJC
0.632
140
14x24
140
310
147FSR330XTJK
0.632
140
12.5x29
140
310
147FSR310XBAF
0.632
140
11x38
140
310 147FSR310XG3CC
0.632
140
10.3x44
140
310 147FSR310XG6CB
0.632
140
10.6x41
140
310 147FSR330XG6CA
0.632
140
10.6x43
140
310
147FSR330XHAG
0.632
140
12x30
140
310
147FSR330XJJF
0.632
140
13x28
140
310
147FSR310XGCW
0.632
140
10x46
140
310
147FSR310XHJK
0.632
140
12x29
140
310
147FSR310XJJS
0.632
140
13x27
140
330
147FSR330XZBG
0.632
140
11x47
140
360
147FSR360XBCK
0.632
140
11x49
140
360
147FSR360XHAW
0.632
140
12x36
140
360
147FSR360XRJF
0.632
140
14.5x28



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com