Electronic Components Datasheet Search
  English  ▼

X  

LP2996MRX Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP2996MRX
Description  LP2996-N DDR Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2996MRX Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2996MRX Datasheet HTML 11Page - Texas Instruments LP2996MRX Datasheet HTML 12Page - Texas Instruments LP2996MRX Datasheet HTML 13Page - Texas Instruments LP2996MRX Datasheet HTML 14Page - Texas Instruments LP2996MRX Datasheet HTML 15Page - Texas Instruments LP2996MRX Datasheet HTML 16Page - Texas Instruments LP2996MRX Datasheet HTML 17Page - Texas Instruments LP2996MRX Datasheet HTML 18Page - Texas Instruments LP2996MRX Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
VTT
LP2996
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
47PF
+
+
+
VDDQ = 2.5V
VDD = 2.5V
VTT = 1.25V
330PF
SD
SD
+
330PF
0.01PF
VTT
LP2996
PVIN
VDDQ
VREF
AVIN
VREF = 1.25V
VSENSE
GND
PF
+
+
+
VDDQ = 2.5V
VDD = 2.5V
VTT = 1.25V
220PF
SD
SD
0.01PF
LP2996-N
www.ti.com
SNOSA40J – NOVEMBER 2002 – REVISED MARCH 2013
OUTPUT CAPACITOR SELECTION
For applications utilizing the LP2996-N to terminate SSTL-2 I/O signals the typical application circuit shown in
Figure 30 can be implemented.
Figure 32. Typical SSTL-2 Application Circuit
This circuit permits termination in a minimum amount of board space and component count. Capacitor selection
can be varied depending on the number of lines terminated and the maximum load transient. However, with
motherboards and other applications where VTT is distributed across a long plane it is advisable to use multiple
bulk capacitors and addition to high frequency decoupling. Figure 31 shown below depicts an example circuit
where 2 bulk output capacitors could be situated at both ends of the VTT plane for optimal placement. Large
aluminum electrolytic capacitors are used for their low ESR and low cost.
Figure 33. Typical SSTL-2 Application Circuit for Motherboards
In most PC applications an extensive amount of decoupling is required because of the long interconnects
encountered with the DDR-SDRAM DIMMs mounted on modules. As a result bulk aluminum electrolytic
capacitors in the range of 1000uF are typically used.
PCB Layout Considerations
1. The input capacitor for the power rail should be placed as close as possible to the PVIN pin.
2. VSENSE should be connected to the VTT termination bus at the point where regulation is required. For
motherboard applications an ideal location would be at the center of the termination bus.
3. VDDQ can be connected remotely to the VDDQ rail input at either the DIMM or the Chipset. This provides the
most accurate point for creating the reference voltage.
4. For improved thermal performance excessive top side copper should be used to dissipate heat from the
package. Numerous vias from the ground connection to the internal ground plane will help. Additionally these
can be located underneath the package if manufacturing standards permit.
5. Care should be taken when routing the VSENSE trace to avoid noise pickup from switching I/O signals. A
0.1uF ceramic capacitor located close to the SENSE can also be used to filter any unwanted high frequency
signal. This can be an issue especially if long SENSE traces are used.
6. VREF should be bypassed with a 0.01 µF or 0.1 µF ceramic capacitor for improved performance. This
capacitor should be located as close as possible to the VREF pin.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2996-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com