Electronic Components Datasheet Search
  English  ▼

X  

TSU6721 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6721
Description  MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSU6721 Datasheet(HTML) 2 Page - Texas Instruments

  TSU6721 Datasheet HTML 1Page - Texas Instruments TSU6721 Datasheet HTML 2Page - Texas Instruments TSU6721 Datasheet HTML 3Page - Texas Instruments TSU6721 Datasheet HTML 4Page - Texas Instruments TSU6721 Datasheet HTML 5Page - Texas Instruments TSU6721 Datasheet HTML 6Page - Texas Instruments TSU6721 Datasheet HTML 7Page - Texas Instruments TSU6721 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSU6721
SCDS338B – JANUARY 2013 – REVISED JUNE 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION
TSU6721 is a high performance USB port multimedia switch featuring automatic switching and accessory
detection. The device connects a common USB port to pass audio, USB data, charging, On The Go (OTG) and
factory mode signals. The audio path has negative signal capability includes left (mono/stereo), right (stereo) as
well as microphone signals. Furthermore, TSU6721 is compatible with the MCPC specification.
TSU6721 features impedance detection which supports the detection of various accessories that are attached
through DP, DM and ID pins of the USB connector. The switch is controlled by automatic switching or manually
through I2C.
TSU6721 has an integrated low resistive Load Switch that is used to isolate the charger from the external
connector. OverVoltage Protection and programmable OverCurrent Limiter/Protection are additional features
included to the Load Switch.
The charger detection satisfies USB charger specification v1.2. In addition to DCP, CDP and SDP, the device
also detects Apple Chargers.
Power for this device is supplied through VBAT of the system or through VBUS when attached. TSU6721
supports factory mode testing when a USB/UART JIG cable is used in development and manufacturing.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TSU6721



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com