Electronic Components Datasheet Search
  English  ▼

X  

CC1050 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC1050
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050 Datasheet(HTML) 4 Page - Texas Instruments

  CC1050 Datasheet HTML 1Page - Texas Instruments CC1050 Datasheet HTML 2Page - Texas Instruments CC1050 Datasheet HTML 3Page - Texas Instruments CC1050 Datasheet HTML 4Page - Texas Instruments CC1050 Datasheet HTML 5Page - Texas Instruments CC1050 Datasheet HTML 6Page - Texas Instruments CC1050 Datasheet HTML 7Page - Texas Instruments CC1050 Datasheet HTML 8Page - Texas Instruments CC1050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
CC1050
SWRS044
Page 4 of 40
Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Condition
Supply voltage, VDD
-0.3
5.0
V
Voltage on any pin
-0.3
VDD+0.3,
max 5.0
V
Input RF level
10
dBm
Storage temperature range
-50
150
°C
Reflow soldering temperature
260
°C
T = 10 s
Under no circumstances the absolute
maximum ratings given above should be
violated. Stress exceeding one or more of
the limiting values may cause permanent
damage to the device.
Caution! ESD sensitive device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
Operating Conditions
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
RF Frequency Range
300
1000
MHz
Programmable in steps of 250 Hz
Operating ambient temperature range
-40
85
°C
Supply voltage
2.1
3.0
3.6
V
Note: The same supply voltage
should be used for digital (DVDD)
and analogue (AVDD) power.
Electrical Specifications
Tc = 25
°C, VDD = 3.0 V if nothing else stated
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Transmit Section
Transmit data rate
0.6
76.8
kBaud
NRZ or Manchester encoding.
76.8 kBaud equals 76.8 kbit/s
using NRZ coding. See page 15.
Binary FSK frequency separation
0
65
kHz
The frequency separation is
programmable in 250 Hz steps.
65 kHz is the maximum
guaranteed separation at 1 MHz
reference frequency. Larger
separations can be achieved at
higher reference frequencies.
Output power
433 MHz
868 MHz
-20
-20
12
8
dBm
dBm
Delivered to 50
Ω load.
The output power is
programmable.
RF output impedance
433/868 MHz
110 / 70
Ω
Transmit mode. For matching
details see p.24.
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com