Electronic Components Datasheet Search
  English  ▼

X  

CC1050/T Datasheet(PDF) 36 Page - Texas Instruments

Part # CC1050/T
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/T Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC1050/T Datasheet HTML 32Page - Texas Instruments CC1050/T Datasheet HTML 33Page - Texas Instruments CC1050/T Datasheet HTML 34Page - Texas Instruments CC1050/T Datasheet HTML 35Page - Texas Instruments CC1050/T Datasheet HTML 36Page - Texas Instruments CC1050/T Datasheet HTML 37Page - Texas Instruments CC1050/T Datasheet HTML 38Page - Texas Instruments CC1050/T Datasheet HTML 39Page - Texas Instruments CC1050/T Datasheet HTML 40Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
CC1050
SWRS044
Page 36 of 40
TEST6 Register (for test only, 40h)
REGISTER
NAME
Default
value
Active
Description
TEST6[7]
LOOPFILTER_TP1
0
-
1 : Select testpoint 1 to CHP_OUT
0 : CHP_OUT tied to GND
TEST6 [6]
LOOPFILTER_TP2
0
-
1 : Select testpoint 2 to CHP_OUT
0 : CHP_OUT tied to GND
TEST6 [5]
CHP_OVERRIDE
0
-
1 : use CHP_CO[4:0] value
0 : use calibrated value
TEST6[4:0]
CHP_CO[4:0]
10000
-
Charge_Pump Current DAC override value
TEST5 Register (for test only, 41h)
REGISTER
NAME
Default
value
Active
Description
TEST5[7:6]
-
-
-
Not used
TEST5[5]
CHP_DISABLE
0
-
1 : CHP up and down pulses disabled
0 : normal operation
TEST5[4]
VCO_OVERRIDE
0
-
1 : use VCO_AO[3:0] value
0 : use calibrated value
TEST5[3:0]
VCO_AO[3:0]
1000
-
VCO_ARRAY override value
TEST4 Register (for test only, 42h)
REGISTER
NAME
Default
value
Active
Description
TEST4[7:6]
-
-
-
Not used
TEST4[5:0]
L2KIO[5:0]
100101
h
Constant setting charge pump current
scaling/rounding factor. Sets Bandwidth of
PLL. Use 3Fh for 38.4 and 76.8 kBaud
TEST3 Register (for test only, 43h)
REGISTER
NAME
Default
value
Active
Description
TEST3[7:5]
-
-
-
Not used
TEST3[4]
BREAK_LOOP
0
-
1 : PLL loop open
0 : PLL loop closed
TEST3[3:0]
CAL_DAC_OPEN
0100
-
Calibration DAC override value, active when
BREAK_LOOP =1
TEST2 Register (for test only, 44h)
REGISTER
NAME
Default
value
Active
Description
TEST2[7:5]
-
-
-
Not used
TEST2[4:0]
CHP_CURRENT
[4:0]
-
-
Status vector defining applied
CHP_CURRENT value
TEST1 Register (for test only, 45h)
REGISTER
NAME
Default
value
Active
Description
TEST1[7:4]
-
-
-
Not used
TEST1[3:0]
CAL_DAC[3:0]
-
-
Status vector defining applied Calibration
DAC value
TEST0 Register (for test only, 46h)
REGISTER
NAME
Default
value
Active
Description
TEST0[7:4]
-
-
-
Not used
TEST0[3:0]
VCO_ARRAY[3:0]
-
-
Status vector defining applied VCO_ARRAY
value
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com