Electronic Components Datasheet Search
  English  ▼

X  

CDC351DW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDC351DW
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC351DW Datasheet(HTML) 3 Page - Texas Instruments

  CDC351DW Datasheet HTML 1Page - Texas Instruments CDC351DW Datasheet HTML 2Page - Texas Instruments CDC351DW Datasheet HTML 3Page - Texas Instruments CDC351DW Datasheet HTML 4Page - Texas Instruments CDC351DW Datasheet HTML 5Page - Texas Instruments CDC351DW Datasheet HTML 6Page - Texas Instruments CDC351DW Datasheet HTML 7Page - Texas Instruments CDC351DW Datasheet HTML 8Page - Texas Instruments CDC351DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
CDC351. CDC351I
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
SCAS441D – FEBRUARY 1994 – REVISED OCTOBER 2003
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted) (1)
Supply voltage range, VCC
– 0.5 V to 4.6 V
Input voltage range, VI (2)
– 0.5 V to 7 V
Voltage range applied to any output in the
VO (2)
– 0.5 V to 3.6 V
high state or power-off state,
Current into any output in the low state, IO
64 mA
Input clamp current, IIK(VI < 0)
– 18 mA
Output clamp current, IOK (VI < 0)
– 50 mA
Package thermal impedance
Θ
JA (3):
DB package
147
°C/ W
DW package
101
°C/ W
Storage temperature range, Tstg
– 65
°C to 150°C
(1)
Stresses beyond those listed under,, absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under,, recommended
operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD51.
RECOMMENDED OPERATING CONDITIONS (1)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
5.5
V
IOH
High-level output current
– 32
mA
IOL
Low-level output current
32
mA
fclock
Input clock frequency
100
MHz
Commercial
0
70
°C
TA
Operating free-air temperature
Industrial
– 40
85
°C
(1)
Unused pins (input or I/O) must be held high or low.
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
V
VOH
VCC = 3 V,
IOH = –32 mA
2
V
VOL
VCC = 3 V,
IOL = 32 mA
0.5
V
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
IO (1)
VCC = 3.6 V,
VO = 2.5 V
–15
–150
mA
IOZ
VCC = 3.6 V,
VO = 3 V or 0
±10
µA
Outputs high
0.3
ICC
VCC = 3.6 V, IO = 0, VI = VCC or GND
Outputs low
25
mA
Outputs disabled
0.3
Ci
VI = VCC or GND,
VCC = 3.3 V,
f = 10 MHz
4
pF
Co
VO = VCC or GND,
VCC = 3.3 V,
f = 10 MHz
6
pF
(1)
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com