Electronic Components Datasheet Search
  English  ▼

X  

DS90C032TM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C032TM
Description  DS90C032 LVDS Quad CMOS Differential Line Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90C032TM Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90C032TM Datasheet HTML 7Page - Texas Instruments DS90C032TM Datasheet HTML 8Page - Texas Instruments DS90C032TM Datasheet HTML 9Page - Texas Instruments DS90C032TM Datasheet HTML 10Page - Texas Instruments DS90C032TM Datasheet HTML 11Page - Texas Instruments DS90C032TM Datasheet HTML 12Page - Texas Instruments DS90C032TM Datasheet HTML 13Page - Texas Instruments DS90C032TM Datasheet HTML 14Page - Texas Instruments DS90C032TM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TA = 25°C
Freq = 65 MHz
tTLH
tTHL
VCC ± Power Supply Voltage (V)
1
0.8
0.6
0.4
0.2
0
4.5
4.75
5
5.25
5.5
tTLH
tTHL
TA ± Ambient Temperature (°C)
1
0.8
0.6
0.4
0.2
0
VCC = 5V
Freq = 65 MHz
±40
±15
10
35
60
85
TA = 25°C
Freq = 65 MHz
VID = 200 mV
CL = 5 pF
VCC ± Power Supply Voltage (V)
1
0.8
0.6
0.4
0.2
0
4.5
4.75
5
5.25
5.5
VCC = 5V
Freq = 65 MHz
VID = 200 mV
CL = 5 pF
1
0.8
0.6
0.4
0.2
0
TA ± Ambient Temperature (°C)
±40
±15
10
35
60
85
DS90C032
www.ti.com
SNLS094D – JUNE 1998 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Differential Skew vs
Differential Skew vs
Power Supply Voltage
Ambient Temperature
Figure 15.
Figure 16.
Transition Time vs
Transition Time vs
Power Supply Voltage
Ambient Temperature
Figure 17.
Figure 18.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS90C032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com