Electronic Components Datasheet Search
  English  ▼

X  

DS2003CM Datasheet(PDF) 3 Page - Texas Instruments

Part # DS2003CM
Description  DS2003 High Current/Voltage Darlington Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS2003CM Datasheet(HTML) 3 Page - Texas Instruments

  DS2003CM Datasheet HTML 1Page - Texas Instruments DS2003CM Datasheet HTML 2Page - Texas Instruments DS2003CM Datasheet HTML 3Page - Texas Instruments DS2003CM Datasheet HTML 4Page - Texas Instruments DS2003CM Datasheet HTML 5Page - Texas Instruments DS2003CM Datasheet HTML 6Page - Texas Instruments DS2003CM Datasheet HTML 7Page - Texas Instruments DS2003CM Datasheet HTML 8Page - Texas Instruments DS2003CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS2003
www.ti.com
SNLS394J – JANUARY 2000 – REVISED APRIL 2013
Electrical Characteristics (continued)
TA = 25°C, unless otherwise specified
(1)
Parameter
Test Conditions
Min
Typ
Max
Units
IR
Clamp Diode
VR = 50V (Figure 12)
µA
Leakage Current
TA = 25°C
5
10
TA = 85°C
10
50
TA = 125°C for DS2003T
20
100
VF
Clamp Diode
IF = 350mA (Figure 13)
1.7
2.0
V
Forward Voltage
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com