Electronic Components Datasheet Search
  English  ▼

X  

N0500S Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # N0500S
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0500S Datasheet(HTML) 1 Page - Renesas Technology Corp

  N0500S Datasheet HTML 1Page - Renesas Technology Corp N0500S Datasheet HTML 2Page - Renesas Technology Corp N0500S Datasheet HTML 3Page - Renesas Technology Corp N0500S Datasheet HTML 4Page - Renesas Technology Corp N0500S Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R07DS0723EJ0100
Rev.1.00
Page 1 of 5
Mar 30, 2012
Data Sheet
N0500S
NPN SILICON EPITAXIAL TRANSISTOR
FEATURES
 Complements to N0500R.
 V
CEO = 50 V
 I
C(DC) = 0.7 A
 Miniature package SOT-23F (2SD1000: Package variation of 3pPoMM)
PRODUCT LINEUP
Part Number
Packing
Package Name
Package Code
Mass [TYP.]
N0500S-T1-AT
Tape 3000p/reel
SOT-23F
PVSF0003ZA-A
0.0126g
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC(DC)
0.7
A
Collector Current (pulse) *
1
IC(pulse)
1.0
A
Total Power Dissipation
PT1
0.2
W
Total Power Dissipation *
2
PT2
1.0
W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
55 to 150
C
Note
*1. PW
 10 ms, Duty Cycle  50%
*2. FR-4 board size 2500 mm
2
 1.6 mm, t  5 sec
ELECTRICAL CHARACTERISTICS (Ta = 25C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICBO
VCB = 60 V, IE = 0
100
nA
Emitter Cutoff Current
IEBO
VEB = 5.0 V, IC = 0
100
nA
DC Current Gain
hFE1*
1
VCE = 1.0 V, IC = 100 mA
90
200
400
DC Current Gain
hFE2*
1
VCE = 1.0 V, IC = 500 mA
50
150
Collector Saturation Voltage
VCE(sat)*
1
IC = 500 mA, IB = 50 mA
0.12
0.4
V
Base Saturation Voltage
VBE(sat)*
1
IC = 500 mA, IB = 50 mA
0.9
1.2
V
Base to Emitter Voltage
VBE*
1
VCE = 6.0 V, IC = 10 mA
600
635
700
mV
Gain Bandwidth Product
fT
VCE = 6.0 V, IE = 10 mA
80
MHz
Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
10
pF
Note
*1. Pulsed
hFE Classification
Marking
LM
LL
LK
hFE1
90 to 180
135 to 270
200 to 400
R07DS0723EJ0100
Rev.1.00
Mar 30, 2012


Similar Part No. - N0500S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0500S RENESAS-N0500S_15 Datasheet
84Kb / 5P
NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - N0500S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com