Electronic Components Datasheet Search
  English  ▼

X  

TA2425 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # TA2425
Description  Panel Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

TA2425 Datasheet(HTML) 1 Page - Crydom Inc.,

  TA2425 Datasheet HTML 1Page - Crydom Inc., TA2425 Datasheet HTML 2Page - Crydom Inc., TA2425 Datasheet HTML 3Page - Crydom Inc., TA2425 Datasheet HTML 4Page - Crydom Inc., TA2425 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series T
• Triac output SSRs; Output rated from 10A to 25A @ 24-240 VAC
• AC or DC control
• Zero-crossing (resistive loads) output
PRODUCT SELECTION
Control Voltage
10A
25A
3-32 VDC
TD1210
TD1225
90-280 VAC
TA1210
TA1225
3-32 VDC
TD2410
TD2425
90-280 VAC
TA2410
TA2425
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
10A
25A
10A
25A
Operating Voltage (47-63Hz) [Vrms]
24-140
24-140
24-280
24-280
Transient Overvoltage [Vpk]
400
400
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
8
8
10
10
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
200
200
200
200
Maximum Load Current (3) [Arms]
10
25
10
25
Minimum Load Current [mArms]
40
40
40
40
Maximum Surge Current (16.6ms) [Apk]
120
250
120
250
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
1.6
Thermal Resistance Junction to Case (Rjc) [°C/W]
1.48
1.02
1.48
1.02
Maximum I2 t for Fusing (8.3 msec) [A2 sec]
60
260
60
260
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
0.5


Similar Part No. - TA2425

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2425A TAI-SAW-TA2425A Datasheet
424Kb / 7P
SAW Filter 654MHz SMD 3.8횞3.8 mm (BW=32MHz)
More results

Similar Description - TA2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com