Electronic Components Datasheet Search
  English  ▼

X  

4TPB220ML Datasheet(PDF) 7 Page - Texas Instruments

Part # 4TPB220ML
Description  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

4TPB220ML Datasheet(HTML) 7 Page - Texas Instruments

Back Button 4TPB220ML Datasheet HTML 3Page - Texas Instruments 4TPB220ML Datasheet HTML 4Page - Texas Instruments 4TPB220ML Datasheet HTML 5Page - Texas Instruments 4TPB220ML Datasheet HTML 6Page - Texas Instruments 4TPB220ML Datasheet HTML 7Page - Texas Instruments 4TPB220ML Datasheet HTML 8Page - Texas Instruments 4TPB220ML Datasheet HTML 9Page - Texas Instruments 4TPB220ML Datasheet HTML 10Page - Texas Instruments 4TPB220ML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM2727, LM2737
www.ti.com
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Start-Up (Full-Load)
VIN = 10V, VO = 1.2V
Start Up (No-Load, 10x CSS)
IO = 10A, CSS = 10nF
VIN = 10V, VO = 1.2V
FSW = 300kHz
CSS = 100nF, FSW = 300kHz
Figure 14.
Figure 15.
Start Up (Full Load, 10x CSS)
Shutdown
VIN = 10V, VO = 1.2V
VIN = 10V, VO = 1.2V
IO = 10A, CSS = 100nF
IO = 10A, CSS = 10nF
FSW = 300kHz
FSW = 300kHz
Figure 16.
Figure 17.
Start Up (Full Load, 10x CSS)
VIN = 10V, VO = 1.2V
Load Transient Response (IO = 0 to 4A)
IO = 10A, CSS = 100nF
VIN = 12V, VO = 1.2V
FSW = 300kHz
FSW = 300kHz
Figure 18.
Figure 19.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2727 LM2737



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com