Electronic Components Datasheet Search
  English  ▼

X  

MAX977 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX977
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX977 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX977 Datasheet HTML 1Page - Maxim Integrated Products MAX977 Datasheet HTML 2Page - Maxim Integrated Products MAX977 Datasheet HTML 3Page - Maxim Integrated Products MAX977 Datasheet HTML 4Page - Maxim Integrated Products MAX977 Datasheet HTML 5Page - Maxim Integrated Products MAX977 Datasheet HTML 6Page - Maxim Integrated Products MAX977 Datasheet HTML 7Page - Maxim Integrated Products MAX977 Datasheet HTML 8Page - Maxim Integrated Products MAX977 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX975/MAX977 single/dual comparators feature
three different operating modes, and are optimized for
+3V and +5V single-supply applications. The operating
modes are as follows: high speed, high speed with
auto-standby, and low power. Propagation delay is 28ns
in high-speed mode, while supply current is only 250
µA.
Supply current is reduced to 3µA in low-power mode.
The auto-standby feature allows the comparator to
automatically change from low-power mode to high-
speed mode upon receipt of an input signal. In the
absence of an input signal, the comparator reverts
back to low-power mode after an adjustable timeout
period. The timeout period for the MAX975 to enter
standby is set by a single capacitor. The dual MAX977
features independently adjustable timeout periods for
each comparator using separate capacitors.
The MAX975/MAX977’s inputs have a common-mode
voltage range of -0.2V to (VCC - 1.2V). The differential
input voltage range extends rail to rail. The outputs are
capable of rail-to-rail operation without external pull-up
circuitry, making these devices ideal for interface with
CMOS/TTL logic. All inputs and outputs can tolerate a
continuous short-circuit fault condition to either rail. The
comparator’s internal hysteresis in high-speed mode
ensures clean output switching, even with slow-moving
input signals.
The single MAX975 is available in 8-pin SO and 8-pin
µMAX® packages, while the dual MAX977 is available
in 14-pin SO and 16-pin QSOP packages.
________________________Applications
Battery-Powered Systems
RF ID Tags
Keyless Entry
Threshold Detectors/Discriminators
3V Systems
IR Receivers
Digital-Line Receivers
____________________________Features
♦
♦ Three Operating Modes:
High Speed
High Speed with Auto-Standby
Low Power
♦
♦ 28ns Propagation Delay (high-speed mode)
♦
♦ 5µA Max Supply Current in Low-Power/
Auto-Standby Modes
♦
♦ +3V/+5V Single-Supply Operation
♦
♦ Rail-to-Rail Outputs
♦
♦ Ground-Sensing Input
♦
♦ Internal Hysteresis (high-speed mode)
♦
♦ Adjustable Timeout Period
♦
♦ µMAX Package (MAX975)
QSOP-16 Package (MAX977)
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
________________________________________________________________ Maxim Integrated Products
1
Functional Diagram
19-1141; Rev 2; 2/07
Ordering Information
Pin Configurations appear at end of data sheet.
MAX975
VCC
IN+
LP
OUT
GND
STO
HIGH SPEED
LOW POWER
ENABLE
IN-
STAT
TIMING
CIRCUIT
ENABLE
TRANSITION
MONITOR
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX975ESA
-40°C to +85°C
8 SO
S8-2
MAX975EUA-T
-40°C to +85°C
8 µMAX-8
U8-1
MAX977ESD
-40°C to +85°C
14 SO
S14-1
MAX977EEE
-40°C to +85°C
16 QSOP
E16-1
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX977 MAXIM-MAX977 Datasheet
264Kb / 16P
Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX9770 MAXIM-MAX9770 Datasheet
493Kb / 24P
1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
MAX9770 MAXIM-MAX9770 Datasheet
468Kb / 22P
1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9770ETI MAXIM-MAX9770ETI Datasheet
493Kb / 24P
1.2W Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
Rev 0; 5/04
MAX9770ETI+ MAXIM-MAX9770ETI+ Datasheet
468Kb / 22P
1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
More results

Similar Description - MAX977

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
logo
Linear Technology
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com