Electronic Components Datasheet Search
  English  ▼

X  

MAX975 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX975
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX975 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX975 Datasheet HTML 1Page - Maxim Integrated Products MAX975 Datasheet HTML 2Page - Maxim Integrated Products MAX975 Datasheet HTML 3Page - Maxim Integrated Products MAX975 Datasheet HTML 4Page - Maxim Integrated Products MAX975 Datasheet HTML 5Page - Maxim Integrated Products MAX975 Datasheet HTML 6Page - Maxim Integrated Products MAX975 Datasheet HTML 7Page - Maxim Integrated Products MAX975 Datasheet HTML 8Page - Maxim Integrated Products MAX975 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.25V, specifications are for high-speed mode, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) ............................................................+6V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Current into Input Pins ......................................................±20mA
Duration of Output Short Circuit to GND_ or VCC ......Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) .............330mW
14-Pin SO (derate 8.33mW/°C above +70°C)................667mW
16-Pin QSOP (derate 8.33mW/°C above +70°C)...........667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
250
500
µA
36
ICC
Supply Current
Per Comparator
35
dB
77
PSRR
Power-Supply
Rejection Ratio
63
90
V
2.7
5.25
VCC
Supply-Voltage
Operating Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
High-speed mode
µMAX/QSOP
SO
CONDITIONS
Low-power mode
High-speed mode
Auto-standby/low-power modes
VCM = 1V,
2.7V
≤ VCC ≤ 5.25V
Common-Mode
Voltage Range
VCMR
(Note 2)
-0.2
VCC - 1.2
V
High-speed mode, TA = +25°C
+0.2
±2
±3
High-speed mode, TA = TMIN to TMAX
±1
±5
Input Offset Voltage
(Note 3)
VCM = 1V,
VCC = 5V
Auto-standby/
low-power modes,
TA = TMIN to TMAX
mV
SO
0.5
2
4
Input-Referred Hysteresis
VHYS
VCM = 1V, VCC = 5V (Note 4)
µMAX/QSOP
0.3
2
4
mV
IB
SO
-100
-300
High-speed mode
µMAX/QSOP
-100
-400
Input Bias Current
Auto-standby/low-power modes
-5
nA
Input Offset Current
IOS
±20
±100
nA
Input Capacitance
CIN
3
pF
SO
66
90
High-speed mode
µMAX/QSOP
54
Common-Mode
Rejection Ratio
CMRR
-0.2V
≤ VCM
≤ VCC - 1.2V
Low-power mode
82
dB
SO
VOS
POWER SUPPLY
COMPARATOR INPUTS
±1
±7
µMAX/QSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com