Electronic Components Datasheet Search
  English  ▼

X  

MAX876BESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX876BESA
Description  Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX876BESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX876BESA Datasheet HTML 1Page - Maxim Integrated Products MAX876BESA Datasheet HTML 2Page - Maxim Integrated Products MAX876BESA Datasheet HTML 3Page - Maxim Integrated Products MAX876BESA Datasheet HTML 4Page - Maxim Integrated Products MAX876BESA Datasheet HTML 5Page - Maxim Integrated Products MAX876BESA Datasheet HTML 6Page - Maxim Integrated Products MAX876BESA Datasheet HTML 7Page - Maxim Integrated Products MAX876BESA Datasheet HTML 8Page - Maxim Integrated Products MAX876BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Power, Low-Drift, +2.5V/+5V/+10V
Precision Voltage References
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +20V
OUT, TRIM, TEMP, TEST ..............................- 0.3V to (IN + 0.3V)
Output Short-Circuit Duration (to GND)....................................5s
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) .........................471mW
Operating Temperature Ranges:
MAX87_ _E_A ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Junction Temperature (TJ) ...............................................+150°C
ELECTRICAL CHARACTERISTICS—MAX873
(VIN = +5V, IL = 0mA, CLOAD < 100pF, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX873A (0.06%)
2.4985
2.5000
2.5015
Output Voltage
VOUT
TA = +25°C
MAX873B (0.10%)
2.4975
2.5000
2.5025
V
MAX873A
2
7
Output-Voltage Drift
(Note 1)
TCVOUT
MAX873B
5
20
ppm/°C
0.1Hz to 10Hz
3.8
µVP-P
Output-Noise Voltage
en
TA = +25°C
10Hz to 1kHz
6.8
µVRMS
TA = +25°C
1
4.0
Line Regulation
VIN = 4.5V to 18V
TA = -40°C to +85°C
2
6
ppm/V
TA = +25°C
3
15
IL = 0 to 10mA
(source)
TA = -40°C to +85°C
3
20
TA = +25°C
100
900
Load Regulation
IL = 0 to -1mA (sink)
TA = -40°C to +85°C
150
1900
ppm/mA
TA = +25°C
300
450
Quiescent Supply Current
IQ
TA = -40°C to +85°C
300
600
µA
Short-Circuit Output Current
ISC
Output shorted to GND
60
mA
VOUT Adjust Range
±100
mV
Long-Term Output Drift
50
ppm/kh
TEMP PIN
Voltage Output
VTEMP
TA = +25°C
570
mV
Temperature Sensitivity
TCVTEMP
1.9
mV/°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX875A (0.04%)
4.998
5.000
5.002
Output Voltage
VOUT
TA = +25°C
MAX875B (0.06%)
4.997
5.000
5.003
V
MAX875A
2
7
Output Voltage Drift
(Note 1)
TCVOUT
MAX875B
5
20
ppm/°C
0.1Hz to 10Hz
9
µVP-P
Output-Noise Voltage
en
TA = +25°C
10Hz to 1kHz
14.5
µVRMS
TA = +25°C
1
4.0
Line Regulation
VIN = 7V to 18V
TA = -40°C to +85°C
2
6
ppm/V
ELECTRICAL CHARACTERISTICS—MAX875
(VIN = +15V, IL = 0mA, CLOAD < 100pF, TA = -40°C to +85°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com