Electronic Components Datasheet Search
  English  ▼

X  

FS5KM-9 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # FS5KM-9
Description  HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS5KM-9 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  FS5KM-9 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS5KM-9 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS5KM-9 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS5KM-9 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
¡VDSS ................................................................................ 450V
¡rDS (ON) (MAX) ................................................................. 1.4
Ω
¡ID ............................................................................................ 5A
¡Viso ................................................................................ 2000V
450
±30
5
15
35
–55 ~ +150
–55 ~ +150
2000
2.0
V
V
A
A
W
°C
°C
Vrms
g
FS5KM-9
VDSS
VGSS
ID
IDM
PD
Tch
Tstg
Viso
—
VGS = 0V
VDS = 0V
AC for 1minute, Terminal to case
Typical value
APPLICATION
SMPS, DC-DC Converter, battery charger, power
supply of printer, copier, HDD, FDD, TV, VCR, per-
sonal computer etc.
OUTLINE DRAWING
Dimensions in mm
TO-220FN
MITSUBISHI Nch POWER MOSFET
FS5KM-9
HIGH-SPEED SWITCHING USE
Symbol
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Isolation voltage
Weight
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
w
q
e
10 ± 0.3
2.8 ± 0.2
φ 3.2 ± 0.2
1.1 ± 0.2
1.1 ± 0.2
0.75 ± 0.15
2.54 ± 0.25
2.54 ± 0.25
0.75 ± 0.15
12 3
q GATE
w DRAIN
e SOURCE


Similar Part No. - FS5KM-9

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FS5KM-9 POWEREX-FS5KM-9 Datasheet
50Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS5KM-9 ISC-FS5KM-9 Datasheet
279Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FS5KM-9

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS14KM-12A MITSUBISHI-FS14KM-12A Datasheet
79Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS14SM-12 RENESAS-FS14SM-12_15 Datasheet
104Kb / 7P
HIGH-SPEED SWITCHING USE
FS16SM-10 RENESAS-FS16SM-10_15 Datasheet
104Kb / 7P
HIGH-SPEED SWITCHING USE
FS16VS-10 RENESAS-FS16VS-10_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS18SM-10 RENESAS-FS18SM-10_15 Datasheet
105Kb / 7P
HIGH-SPEED SWITCHING USE
FS20VS-6 RENESAS-FS20VS-6_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30KM-2 RENESAS-FS30KM-2_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30KMH-2 RENESAS-FS30KMH-2_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30KMJ-03 RENESAS-FS30KMJ-03_15 Datasheet
102Kb / 7P
HIGH-SPEED SWITCHING USE
FS30VS-06 RENESAS-FS30VS-06_15 Datasheet
98Kb / 7P
HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com