Electronic Components Datasheet Search
  English  ▼

X  

MAX1213 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1213
Description  1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1213 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1213 Datasheet HTML 1Page - Maxim Integrated Products MAX1213 Datasheet HTML 2Page - Maxim Integrated Products MAX1213 Datasheet HTML 3Page - Maxim Integrated Products MAX1213 Datasheet HTML 4Page - Maxim Integrated Products MAX1213 Datasheet HTML 5Page - Maxim Integrated Products MAX1213 Datasheet HTML 6Page - Maxim Integrated Products MAX1213 Datasheet HTML 7Page - Maxim Integrated Products MAX1213 Datasheet HTML 8Page - Maxim Integrated Products MAX1213 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1.8V, Low-Power, 12-Bit, 250Msps
ADC for Broadband Applications
2
________________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVCC = OVCC = 1.8V, AGND = OGND = 0, fSAMPLE = 250MHz, differential clock input drive, 0.1µF capacitor on REFIO, internal ref-
erence, digital output pins differential RL = 100Ω. Limits are for TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVCC to AGND ......................................................-0.3V to +2.1V
OVCC to OGND .....................................................-0.3V to +2.1V
AVCC to OVCC .......................................................-0.3V to +2.1V
AGND to OGND ....................................................-0.3V to +0.3V
Analog Inputs to AGND ...........................-0.3V to (AVCC + 0.3V)
All Digital Inputs to AGND........................-0.3V to (AVCC + 0.3V)
REFIO, REFADJ to AGND ........................-0.3V to (AVCC + 0.3V)
All Digital Outputs to OGND ....................-0.3V to (OVCC + 0.3V)
ESD on All Pins (Human Body Model).............................±2000V
Current into Any Pin..........................................................±50mA
Continuous Power Dissipation (TA = +70°C, multilayer board)
68-Pin QFN-EP (derate 41.7mW/°C above +70°C)....3333mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-60°C to +150°C
Lead Temperature (soldering,10s) ..................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (Note 2)
INL
fIN = 10MHz
-3
±0.8
+3
LSB
Differential Nonlinearity (Note 2)
DNL
No missing codes
-1.0
±0.4
+1.3
LSB
Transfer Curve Offset
VOS
(Note 2)
-3.5
+3.5
mV
Offset Temperature Drift
±20
µV/
°C
ANALOG INPUTS (INP, INN)
Full-Scale Input Voltage Range
VFS
1250
1385
mVP-P
Full-Scale Range Temperature
Drift
±60
ppm/
°C
Common-Mode Input Voltage
VCM
Internally self-biased
0.7
V
Differential Input Capacitance
CIN
2.5
pF
Differential Input Resistance
RIN
1.8
k
Ω
Full-Power Analog Bandwidth
FPBW
700
MHz
REFERENCE (REFIO, REFADJ)
Reference Output Voltage
VREFIO
REFADJ = AGND
1.18
1.25
1.30
V
Reference Temperature Drift
90
ppm/
°C
REFADJ Input High Voltage
VREFADJ
Used to disable the internal reference
AVCC - 0.3
V
SAMPLING CHARACTERISTICS
Maximum Sampling Rate
fSAMPLE
250
MHz
Minimum Sampling Rate
fSAMPLE
20
MHz
Clock Duty Cycle
Set by clock-management circuit
40 to 60
%
Aperture Delay
tAD
Figures 5, 11
620
ps
Aperture Jitter
tAJ
Figure 11
0.15
psRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com