Electronic Components Datasheet Search
  English  ▼

X  

MAX1213 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1213
Description  1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1213 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1213 Datasheet HTML 9Page - Maxim Integrated Products MAX1213 Datasheet HTML 10Page - Maxim Integrated Products MAX1213 Datasheet HTML 11Page - Maxim Integrated Products MAX1213 Datasheet HTML 12Page - Maxim Integrated Products MAX1213 Datasheet HTML 13Page - Maxim Integrated Products MAX1213 Datasheet HTML 14Page - Maxim Integrated Products MAX1213 Datasheet HTML 15Page - Maxim Integrated Products MAX1213 Datasheet HTML 16Page - Maxim Integrated Products MAX1213 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
1.8V, Low-Power, 12-Bit, 170Msps
ADC for Broadband Applications
______________________________________________________________________________________
13
Data Clock Outputs (DCLKP, DCLKN)
The MAX1213N features a differential clock output,
which can be used to latch the digital output data with
an external latch or receiver. Additionally, the clock out-
put can be used to synchronize external devices (e.g.,
FPGAs) to the ADC. DCLKP and DCLKN are differential
outputs with LVDS-compatible voltage levels. There is a
4.58ns delay time between the rising (falling) edge of
CLKP (CLKN) and the rising edge of DCLKP (DCLKN).
See Figure 5 for timing details.
Divide-by-2 Clock Control (CLKDIV)
The MAX1213N offers a clock control line (CLKDIV),
which supports the reduction of clock jitter in a system.
Connect CLKDIV to OGND to enable the ADC’s internal
divide-by-2 clock divider. Data is now updated at one-
half the ADC’s input clock rate. CLKDIV has an internal
pulldown resistor and can be left open for applications
that require this divide-by-2 mode. Connecting CLKDIV
to OVCC disables the divide-by-2 mode.
System Timing Requirements
Figure 5 shows the relationship between the clock input
and output, analog input, sampling event, and data out-
put. The MAX1213N samples on the rising (falling)
edge of CLKP (CLKN). Output data is valid on the next
rising (falling) edge of the DCLKP (DCLKN) clock, but
has an internal latency of 11 clock cycles.
Digital Outputs (D0P/N–D11P/N, DCLKP/N,
ORP/N) and Control Input T/B
Digital outputs D0P/N–D11P/N, DCLKP/N, and ORP/N
are LVDS compatible, and data on D0P/N–D11P/N is
presented in either binary or two’s-complement format
(Table 1). The T/B control line is an LVCMOS-compatible
input, which allows the user to select the desired output
format. Pulling T/B low outputs data in two’s complement
and pulling it high presents data in offset binary format
on the 12-bit parallel bus. T/B has an internal pulldown
resistor and may be left unconnected in applications
using only two’s-complement output format. All LVDS
outputs provide a typical 0.325V voltage swing around a
1.2V common-mode voltage, and must be terminated at
the far end of each transmission line pair (true and com-
plementary) with 100
Ω. Apply a 1.7V to 1.9V voltage
supply at OVCC to power the LVDS outputs.
The MAX1213N offers an additional differential output
pair (ORP, ORN) to flag out-of-range conditions, where
out-of-range is above positive or below negative full
scale. An out-of-range condition is identified with ORP
(ORN) transitioning high (low).
Note: Although a differential LVDS output architecture
reduces single-ended transients to the supply and
ground planes, capacitive loading on the digital out-
puts should still be kept as low as possible. Using
LVDS buffers on the digital outputs of the ADC when
driving larger loads may improve overall performance
and reduce system-timing constraints.
SAMPLING EVENT
INP
INN
CLKN
CLKP
DCLKN
DCLKP
D0P/D0N–
D11P/D11N
ORP/N
tPDL
tCPDL - tPDL~ 0.4 x tSAMPLE WITH tSAMPLE = 1 / fSAMPLE
NOTE: THE ADC SAMPLES ON THE RISING EDGE OF CLKP. THE RISING EDGE OF DCLKP CAN BE USED TO EXTERNALLY LATCH THE OUTPUT DATA.
NN + 1
N + 10
N - 9
N - 10
N - 1
N - 1
N + 11
N + 12
N + 1
N - 11
N - 11
N
N - 10
N + 1
N
SAMPLING EVENT
SAMPLING EVENT
SAMPLING EVENT
SAMPLING EVENT
tLATENCY
tCPDL
tAD
tCH
tCL
Figure 5. Simplified LVDS Output Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com