Electronic Components Datasheet Search
  English  ▼

X  

AME8855ABEV080 Datasheet(PDF) 30 Page - Analog Microelectronics

Part # AME8855ABEV080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ABEV080 Datasheet(HTML) 30 Page - Analog Microelectronics

Back Button AME8855ABEV080 Datasheet HTML 26Page - Analog Microelectronics AME8855ABEV080 Datasheet HTML 27Page - Analog Microelectronics AME8855ABEV080 Datasheet HTML 28Page - Analog Microelectronics AME8855ABEV080 Datasheet HTML 29Page - Analog Microelectronics AME8855ABEV080 Datasheet HTML 30Page - Analog Microelectronics AME8855ABEV080 Datasheet HTML 31Page - Analog Microelectronics AME8855ABEV080 Datasheet HTML 32Page - Analog Microelectronics AME8855ABEV080 Datasheet HTML 33Page - Analog Microelectronics AME8855ABEV080 Datasheet HTML 34Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
AME
30
High PSRR, Low Noise, 600mA
CMOS Regulator
AME8855A
Rev. B.02
n Lead Pattern (Contd.)
Note:
1. Lead pattern unit description:
BSC: Basic. Represents theoretical exact dimension or dimension target.
2. Dimensions in Millimeters.
3. General tolerance +0.05mm unless otherwise specified.
SOP-8
5.200 BSC
3.000 BSC
7.400 BSC
2.200 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com