Electronic Components Datasheet Search
  English  ▼

X  

AME8855ACEV080 Datasheet(PDF) 24 Page - Analog Microelectronics

Part # AME8855ACEV080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ACEV080 Datasheet(HTML) 24 Page - Analog Microelectronics

Back Button AME8855ACEV080 Datasheet HTML 20Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 21Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 22Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 23Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 24Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 25Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 26Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 27Page - Analog Microelectronics AME8855ACEV080 Datasheet HTML 28Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
AME
24
High PSRR, Low Noise, 600mA
CMOS Regulator
AME8855A
Rev. B.02
n Package Dimension
SOT-223
C
13
o(4X)
Top View
Side View
θ
D
B1
H
E
e
A1
B
13
o(4X)
Front View
F
PIN 1
K
MIN
MAX
MIN
MAX
A1
0.01
0.10
0.0004
0.0039
B
0.60
0.84
0.0236
0.0330
B
1
2.90
3.15
0.1140
0.1240
C
0.23
0.38
0.0091
0.0150
D
6.20
6.71
0.2441
0.2640
E
3.30
3.71
0.1299
0.1460
e
F
1.40
1.80
0.0551
0.0709
H
6.70
7.30
0.2638
0.2874
K
1.665
1.669
0.0656
0.0657
θ
0
o
10
o
0
o
10
o
SYMBOLS
MILLIMETERS
INCHES
2.30 BSC
0.0906 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com