Electronic Components Datasheet Search
  English  ▼

X  

2SC5509-T2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5509-T2
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5509-T2 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5509-T2 Datasheet HTML 2Page - Renesas Technology Corp 2SC5509-T2 Datasheet HTML 3Page - Renesas Technology Corp 2SC5509-T2 Datasheet HTML 4Page - Renesas Technology Corp 2SC5509-T2 Datasheet HTML 5Page - Renesas Technology Corp 2SC5509-T2 Datasheet HTML 6Page - Renesas Technology Corp 2SC5509-T2 Datasheet HTML 7Page - Renesas Technology Corp 2SC5509-T2 Datasheet HTML 8Page - Renesas Technology Corp 2SC5509-T2 Datasheet HTML 9Page - Renesas Technology Corp 2SC5509-T2 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5509
Chapter Title
R09DS0056EJ0300 Rev.3.00
Page 7 of 8
Mar 5, 2013
NOISE PARAMETERS
VCE = 2 V, IC = 5 mA
VCE = 2 V, IC = 20 mA
Γopt
Γopt
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
0.8
0.70
18.0
0.17
93.0
0.11
0.8
1.12
20.7
0.30
−164.8
0.08
0.9
0.74
17.0
0.18
103.0
0.11
0.9
1.15
19.7
0.31
−162.7
0.09
1.0
0.78
16.2
0.20
112.7
0.11
1.0
1.18
18.8
0.32
−160.7
0.09
1.5
0.98
13.6
0.32
155.4
0.09
1.5
1.31
15.7
0.39
−151.5
0.10
1.8
1.10
12.5
0.40
176.2
0.07
1.8
1.38
14.4
0.45
−146.3
0.10
1.9
1.14
12.2
0.43
−177.8
0.06
1.9
1.41
14.0
0.47
−144.6
0.10
2.0
1.18
11.8
0.46
−172.2
0.06
2.0
1.43
13.6
0.49
−142.9
0.11
2.5
1.39
9.9
0.56
−151.8
0.08
2.5
1.56
11.5
0.56
−133.5
0.14
VCE = 2 V, IC = 10 mA
VCE = 2 V, IC = 50 mA
Γopt
Γopt
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
f
(GHz)
NFmin
(dB)
Ga
(dB)
MAG.
ANG.
Rn/50
0.8
0.87
19.6
0.13
170.3
0.09
0.8
1.75
21.3
0.49
−159.4
0.10
0.9
0.90
18.6
0.15
171.5
0.09
0.9
1.78
20.3
0.49
−157.2
0.10
1.0
0.93
17.8
0.17
173.0
0.09
1.0
1.80
19.4
0.50
−154.9
0.11
1.5
1.07
14.8
0.30
−174.1
0.08
1.5
1.92
16.2
0.55
−144.7
0.14
1.8
1.15
13.6
0.39
−164.1
0.07
1.8
2.00
14.8
0.59
−139.1
0.17
1.9
1.18
13.2
0.41
−160.6
0.07
1.9
2.02
14.4
0.60
−137.3
0.19
2.0
1.20
12.8
0.44
−157.2
0.07
2.0
2.04
13.9
0.61
−135.5
0.20
2.5
1.35
10.9
0.53
−142.3
0.10
2.5
2.17
11.8
0.65
−126.4
0.28



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com