Electronic Components Datasheet Search
  English  ▼

X  

INA118 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA118
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA118 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA118 Datasheet HTML 2Page - Texas Instruments INA118 Datasheet HTML 3Page - Texas Instruments INA118 Datasheet HTML 4Page - Texas Instruments INA118 Datasheet HTML 5Page - Texas Instruments INA118 Datasheet HTML 6Page - Texas Instruments INA118 Datasheet HTML 7Page - Texas Instruments INA118 Datasheet HTML 8Page - Texas Instruments INA118 Datasheet HTML 9Page - Texas Instruments INA118 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
®
INA118
MAXIMUM OUTPUT SWING vs FREQUENCY
32
28
24
20
16
12
8
4
0
100
1k
10k
100k
1M
Frequency (Hz)
G = 10, 100
G = 1
G = 1000
OUTPUT CURRENT LIMIT vs TEMPERATURE
16
14
12
10
8
6
4
2
0
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
–|I
CL|
+|I
CL|
OUTPUT VOLTAGE SWING
vs POWER SUPPLY VOLTAGE
V+
(V+) –0.2
(V+) –0.4
(V+) –0.6
(V+) –0.8
(V+) –1
(V–) +0.4
(V–) +0.2
V–
0
±5
±10
±15
±20
Positive
+85°C
+25°C
–40°C
Negative
+85°C
+25°C
–40°C
Power Supply Voltage (V)
R
L = 10kΩ
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
01234
Output Current (mA)
V+
(V+) –0.4
(V+) –0.8
(V–)+0.8
(V–)+0.4
V–
Positive
Negative
V
S ≤ ±5V
V
S = ±15V
Single Power Supply, V– = 0V
Ground-Referred Load
INPUT BIAS AND OFFSET CURRENT
vs TEMPERATURE
5
4
3
2
1
0
–1
–2
–3
–4
–5
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
I
OS
±I
b
OFFSET VOLTAGE vs WARM-UP TIME
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
0.5
1.0
1.5
2.0
2.5
3.0
Time from Power Supply Turn On (ms)
G = 1000
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com