Electronic Components Datasheet Search
  English  ▼

X  

INA118PB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA118PB
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA118PB Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA118PB Datasheet HTML 4Page - Texas Instruments INA118PB Datasheet HTML 5Page - Texas Instruments INA118PB Datasheet HTML 6Page - Texas Instruments INA118PB Datasheet HTML 7Page - Texas Instruments INA118PB Datasheet HTML 8Page - Texas Instruments INA118PB Datasheet HTML 9Page - Texas Instruments INA118PB Datasheet HTML 10Page - Texas Instruments INA118PB Datasheet HTML 11Page - Texas Instruments INA118PB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
INA118
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA118. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resis-
tance of 12
Ω in series with the Ref pin will cause a typical
device to degrade to approximately 80dB CMR (G = 1).
SETTING THE GAIN
Gain of the INA118 is set by connecting a single external
resistor, RG, connected between pins 1 and 8:
Commonly used gains and resistor values are shown in
Figure 1.
The 50k
Ω term in Equation 1 comes from the sum of the two
internal feedback resistors of A1 and A2. These on-chip
metal film resistors are laser trimmed to accurate absolute
values. The accuracy and temperature coefficient of these
resistors are included in the gain accuracy and drift specifi-
cations of the INA118.
(1)
G
= 1 +
50k
Ω
R
G
FIGURE 1. Basic Connections.
DESIRED
RG
NEAREST 1% RG
GAIN
(
Ω)(Ω)
1NC
NC
2
50.00k
49.9k
5
12.50k
12.4k
10
5.556k
5.62k
20
2.632k
2.61k
50
1.02k
1.02k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9
2000
25.01
24.9
5000
10.00
10
10000
5.001
4.99
NC: No Connection.
The stability and temperature drift of the external gain
setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from the gain
equation (1). Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring
resistance which will contribute additional gain error (possi-
bly an unstable gain error) in gains of approximately 100 or
greater.
DYNAMIC PERFORMANCE
The typical performance curve “Gain vs Frequency” shows
that, despite its low quiescent current, the INA118 achieves
wide bandwidth, even at high gain. This is due to the
current-feedback topology of the INA118. Settling time also
remains excellent at high gain.
The INA118 exhibits approximately 3dB peaking at 500kHz
in unity gain. This is a result of its current-feedback topol-
ogy and is not an indication of instability. Unlike an op amp
with poor phase margin, the rise in response is a predictable
+6dB/octave due to a response zero. A simple pole at
300kHz or lower will produce a flat passband unity gain
response.
A
1
A
2
A
3
6
60k
Ω
60k
Ω
60k
Ω
60k
Ω
7
4
3
8
1
2
V
IN
V
IN
R
G
V+
V–
INA118
G = 1 +
50k
Ω
R
G
–
+
5
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
Load
V
O = G • (VIN – VIN)
+
–
0.1µF
0.1µF
+
–
V
O
R
G
Also drawn in simplified form:
INA118
Ref
V
O
V
IN
–
V
IN
+
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com