Electronic Components Datasheet Search
  English  ▼

X  

INA118UB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA118UB
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA118UB Datasheet(HTML) 2 Page - Texas Instruments

  INA118UB Datasheet HTML 1Page - Texas Instruments INA118UB Datasheet HTML 2Page - Texas Instruments INA118UB Datasheet HTML 3Page - Texas Instruments INA118UB Datasheet HTML 4Page - Texas Instruments INA118UB Datasheet HTML 5Page - Texas Instruments INA118UB Datasheet HTML 6Page - Texas Instruments INA118UB Datasheet HTML 7Page - Texas Instruments INA118UB Datasheet HTML 8Page - Texas Instruments INA118UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
®
INA118
INPUT
Offset Voltage, RTI
Initial
TA = +25°C
±10 ± 50/G
±50 ± 500/G
±25 ±100/G ±125±1000/G
µV
vs Temperature
TA = TMIN to TMAX
±0.2 ± 2/G
±0.5 ± 20/G
±0.2 ± 5/G
±1 ± 20/G
µV/°C
vs Power Supply
VS = ±1.35V to ±18V
±1 ±10/G
±5 ± 100/G
T
±10 ±100/G
µV/V
Long-Term Stability
±0.4 ±5/G
T
µV/mo
Impedance, Differential
1010 || 1
T
Ω || pF
Common-Mode
1010 || 4
T
Ω || pF
Linear Input Voltage Range
(V+) – 1
(V+) – 0.65
TT
V
(V–) + 1.1
(V–) + 0.95
TT
V
Safe Input Voltage
±40
T
V
Common-Mode Rejection
VCM = ±10V, ∆RS = 1kΩ
G = 1
80
90
73
T
dB
G = 10
97
110
89
T
dB
G = 100
107
120
98
T
dB
G = 1000
110
125
100
T
dB
BIAS CURRENT
±1
±5
T
±10
nA
vs Temperature
±40
T
pA/
°C
OFFSET CURRENT
±1
±5
T
±10
nA
vs Temperature
±40
T
pA/
°C
NOISE VOLTAGE, RTI
G = 1000, RS = 0Ω
f = 10Hz
11
T
nV/
√Hz
f = 100Hz
10
T
nV/
√Hz
f = 1kHz
10
T
nV/
√Hz
fB = 0.1Hz to 10Hz
0.28
T
µVp-p
Noise Current
f=10Hz
2.0
T
pA/
√Hz
f=1kHz
0.3
T
pA/
√Hz
fB = 0.1Hz to 10Hz
80
T
pAp-p
GAIN
Gain Equation
1 + (50k
Ω/R
G)
T
V/V
Range of Gain
1
10000
TT
V/V
Gain Error
G = 1
±0.01
±0.024
T
±0.1
%
G = 10
±0.02
±0.4
T
±0.5
%
G = 100
±0.05
±0.5
T
±0.7
%
G = 1000
±0.5
±1
T
±2%
Gain vs Temperature
G = 1
±1
±10
T
±10
ppm/
°C
50k
Ω Resistance(1)
±25
±100
TT
ppm/
°C
Nonlinearity
G = 1
±0.0003
±0.001
T
±0.002
% of FSR
G = 10
±0.0005
±0.002
T
±0.004
% of FSR
G = 100
±0.0005
±0.002
T
±0.004
% of FSR
G = 1000
±0.002
±0.01
T
±0.02
% of FSR
OUTPUT
Voltage: Positive
RL = 10kΩ
(V+) – 1
(V+) – 0.8
TT
V
Negative
RL = 10kΩ
(V–) + 0.35
(V–) + 0.2
TT
V
Single Supply High
VS = +2.7V/0V(2), RL = 10kΩ
1.8
2.0
TT
V
Single Supply Low
VS = +2.7V/0V(2), RL = 10kΩ
60
35
TT
mV
Load Capacitance Stability
1000
T
pF
Short Circuit Current
+5/–12
T
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G = 1
800
T
kHz
G = 10
500
T
kHz
G = 100
70
T
kHz
G = 1000
7
T
kHz
Slew Rate
VO = ±10V, G = 10
0.9
T
V/
µs
Settling Time,
0.01%
G = 1
15
T
µs
G = 10
15
T
µs
G = 100
21
T
µs
G = 1000
210
T
µs
Overload Recovery
50% Overdrive
20
T
µs
POWER SUPPLY
Voltage Range
±1.35
±15
±18
TT
T
V
Current
VIN = 0V
±350
±385
TT
µA
TEMPERATURE RANGE
Specification
–40
85
TT
°C
Operating
–40
125
TT
°C
θ
JA
80
T
°C/W
INA118PB, UB
INA118P, U
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VS = ±15V, RL = 10kΩ unless otherwise noted.
T Specification same as INA118PB, UB.
NOTE: (1) Temperature coefficient of the “50k
Ω” term in the gain equation. (2) Common-mode input voltage range is limited. See text for discussion of low power supply
and single power supply operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com