Electronic Components Datasheet Search
  English  ▼

X  

AD1555AP Datasheet(PDF) 12 Page - Analog Devices

Part # AD1555AP
Description  24-Bit - ADC with Low Noise PGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1555AP Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1555AP Datasheet HTML 8Page - Analog Devices AD1555AP Datasheet HTML 9Page - Analog Devices AD1555AP Datasheet HTML 10Page - Analog Devices AD1555AP Datasheet HTML 11Page - Analog Devices AD1555AP Datasheet HTML 12Page - Analog Devices AD1555AP Datasheet HTML 13Page - Analog Devices AD1555AP Datasheet HTML 14Page - Analog Devices AD1555AP Datasheet HTML 15Page - Analog Devices AD1555AP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. B
AD1555/AD1556
–12–
TERMINOLOGY
DYNAMIC RANGE
Dynamic range is the ratio of the rms value of the full scale to
the total rms noise measured with the inputs shorted together
in the bandwidth from 3 Hz to the Nyquist frequency FO/2. The
value for dynamic range is expressed in decibels.
SIGNAL-TO-NOISE RATIO (SNR)
SNR is the ratio of the rms value of the full-scale signal to the
total rms noise in the bandwidth from 3 Hz to the Nyquist fre-
quency FO/2. The value for SNR is expressed in decibels.
TOTAL HARMONIC DISTORTION (THD)
THD is the ratio of the rms sum of all the harmonic components
up to Nyquist frequency FO/2 to the rms value of a full-scale
input signal. The value for THD is expressed in decibels.
INTERMODULATION DISTORTION (IMD)
IMD is the ratio of the rms sum of two sine wave signals of
30 Hz and 50 Hz which are each 6 dB down from full scale to
the rms sum of all intermodulation components within the
bandwidth from 1 Hz to the Nyquist frequency FO/2. The value
for IMD is expressed in decibels.
OFFSET
The offset is the difference between the ideal midscale input volt-
age (0 V) and the actual voltage producing the midscale output
code (code 000000H) at the output of the AD1556. The offset
specification is referred to the output. This offset is intentionally
set at a nominal value of –60 mV (see Sigma-Delta Modulator
section). The value for offset is expressed in mV.
OFFSET ERROR DRIFT
The change of the offset over temperature. It is expressed in mV.
GAIN ERROR
The gain error is the ratio of the difference between the actual
gain and the ideal gain to the ideal gain. The actual gain is the
ratio of the output difference obtained with a full-scale analog
input (
±2.25 V) to the full-scale span (4.5 V) after correction of
the effects of the external components. It is expressed in %.
GAIN ERROR STABILITY OVER TEMPERATURE
The change of the gain error over temperature. It is expressed
in %.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com