Electronic Components Datasheet Search
  English  ▼

X  

AME8845BECT330Z Datasheet(PDF) 13 Page - Analog Microelectronics

Part # AME8845BECT330Z
Description  3A CMOS LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845BECT330Z Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button AME8845BECT330Z Datasheet HTML 9Page - Analog Microelectronics AME8845BECT330Z Datasheet HTML 10Page - Analog Microelectronics AME8845BECT330Z Datasheet HTML 11Page - Analog Microelectronics AME8845BECT330Z Datasheet HTML 12Page - Analog Microelectronics AME8845BECT330Z Datasheet HTML 13Page - Analog Microelectronics AME8845BECT330Z Datasheet HTML 14Page - Analog Microelectronics AME8845BECT330Z Datasheet HTML 15Page - Analog Microelectronics AME8845BECT330Z Datasheet HTML 16Page - Analog Microelectronics AME8845BECT330Z Datasheet HTML 17Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AME
13
AME8845
3A CMOS LDO
Rev.C.03
Output Voltage(2.5V) vs. Input Voltage
PSRR vs. Frequency
Load Regulation Deviation
Output Noise vs. Frequency
Ground Current vs. Load Current
-45C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
Input Voltage (V)
125 oC
55 oC
-5 oC
25 oC
-45 oC
85 oC
-0.06
-0.04
-0.02
0.00
0.04
0.06
0.08
0.10
0.14
0.16
-40-30 -20 -10 0 10 20 25 30 40 50 60 70 80 90100 110 125
Temperature(oC)
0.12
0.02
V
OUT =2.5V
C
IN=3.3µF (Ceramic)
C
OUT=3.3µF (Ceramic)
∆I
L=3A
-80
-70
-60
-50
-40
-30
-20
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
Frequency (Hz)
V
IN=5V
I
LOAD=100mA
C
L=10µF
V
OUT=3.3V
0
5
10
15
20
25
10
100
1000
10000
100000
Frequency (HZ)
V
IN=5V
V
IL=100mA
C
L=10µF
V
OUT=3.3V
0
50
100
150
200
250
300
350
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IQ(uA)
Vout = 3.3V
Cin= 0.1 μF(ceramic)
Cout= 2.2 μF(ceramic)
Vin= Vo+1.0V
Load Current (A)
Time (20μS/DIV)
100
50
0
5.3
4.3
Cin= 0
Cout= 4.7 μF(ceramic)
Vout = 3.3V Vin= 5.3V~4.3V
=25oC
ILOAD =1mA
T
A
Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com