Electronic Components Datasheet Search
  English  ▼

X  

AD5165EVAL Datasheet(PDF) 3 Page - Analog Devices

Part # AD5165EVAL
Description  256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5165EVAL Datasheet(HTML) 3 Page - Analog Devices

  AD5165EVAL Datasheet HTML 1Page - Analog Devices AD5165EVAL Datasheet HTML 2Page - Analog Devices AD5165EVAL Datasheet HTML 3Page - Analog Devices AD5165EVAL Datasheet HTML 4Page - Analog Devices AD5165EVAL Datasheet HTML 5Page - Analog Devices AD5165EVAL Datasheet HTML 6Page - Analog Devices AD5165EVAL Datasheet HTML 7Page - Analog Devices AD5165EVAL Datasheet HTML 8Page - Analog Devices AD5165EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD5165
Rev. 0 | Page 3 of 16
ELECTRICAL CHARACTERISTICS—100 kΩ VERSION
VDD = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; –40°C < TA < +125°C; unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
−1
±0.1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
−2
±0.25
+2
LSB
Nominal Resistor Tolerance3
∆RAB/RAB
TA = 25°C
−20
+20
%
Resistance Temperature Coefficient
(∆RAB/RAB)/∆Tx106
VAB = VDD, wiper = no connect
35
ppm/°C
Wiper Resistance
RW
VDD = 2.7 V/5.5 V
85/50
150/120
Ω
DC CHARACTERISTICS—POTENTIOMETER DIVIDER MODE
Resolution
N
8
Bits
Differential Nonlinearity4
DNL
−1
±0.1
+1
LSB
Integral Nonlinearity4
INL
−1
±0.3
+1
LSB
Voltage Divider Temperature
Coefficient
(∆VW/VW )/∆Tx106
Code = 0x80
15
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
−0.5
−0.3
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
0.1
0.5
LSB
RESISTOR TERMINALS
Voltage Range5
VA,B,W
GND
VDD
V
Capacitance6 A, B
CA,B
f = 1 MHz, measured to GND,
Code = 0x80
90
pF
Capacitance6 W
CW
f = 1 MHz, measured to GND,
Code = 0x80
95
pF
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 2.7 V to 5.5 V
1.8
V
Input Logic Low
VIL
VDD = 2.7 V to 5.5 V
0.6
V
Input Capacitance6
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD RANGE
2.7
5.5
V
Supply Current
IDD
Digital inputs = 0 V or VDD
0.05
1
µA
VDD = 2.7 V, digital inputs = 1.8 V
10
µA
VDD = 5 V, digital inputs = 1.8 V
500
µA
Power Dissipation7
PDISS
Digital inputs = 0 V or VDD
5.5
µW
Power Supply Sensitivity
PSS
VDD = +5 V ± 10%,
Code = Midscale
±0.001
±0.005
%/%
DYNAMIC CHARACTERISTICS6, 8
Bandwidth −3 dB
BW
Code = 0x80
55
kHz
Total Harmonic Distortion
THDW
VA =1 V rms, VB = 0 V, f = 1 kHz,
0.05
%
VW Settling Time
tS
VA = 5 V, VB = 0 V,
±1 LSB error band
2
µs
Resistor Noise Voltage Density
eN_WB
RWB = 50 kΩ
28
nV/√Hz
1 Typical specifications represent average readings at +25°C and VDD = 5 V.
2 Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3 VAB = VDD, wiper (VW) = no connect.
4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V.
5 Resistor terminals A, B, and W have no limitations on polarity with respect to each other.
6 Guaranteed by design and not subject to production test.
7 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
8 All dynamic characteristics use VDD = 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com