Electronic Components Datasheet Search
  English  ▼

X  

AD5560JBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD5560JBCZ
Description  1.2 A Programmable Device Power Supply
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 12Page - Analog Devices AD5560JBCZ Datasheet HTML 13Page - Analog Devices AD5560JBCZ Datasheet HTML 14Page - Analog Devices AD5560JBCZ Datasheet HTML 15Page - Analog Devices AD5560JBCZ Datasheet HTML 16Page - Analog Devices AD5560JBCZ Datasheet HTML 17Page - Analog Devices AD5560JBCZ Datasheet HTML 18Page - Analog Devices AD5560JBCZ Datasheet HTML 19Page - Analog Devices AD5560JBCZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
AD5560
Data Sheet
Rev. D | Page 16 of 68
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC
CF4
CF3
CF2
CF1
CF0
DUTGND
SENSE
EXTMEASIL
GUARD/SYS_DUTGND
AGND
AVSS
AVDD
EXTMEASIH1
EXTMEASIH2
AVDD
PIN 1
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD ON TOP OF PACKAGE. EXPOSED PAD IS INTERNALLY CONNECTED TO
MOST NEGATIVE POINT, AVSS.
AD5560
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19 20
21 22 23 24 25 26 27 28
29 30 31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
BUSY
CPOL
SDO
DVCC
DGND
SCLK
SDI
CPOH/CPO
CLEN/LOAD
RCLK
TMPALM
KELALM
CLALM
RESET
HW_INH/LOAD
SYNC
EXPOSED PAD ON TOP
Figure 6. TQFP_EP Pin Configuration
Table 4. TQFP_EP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLALM
Clamp Alarm Output. Open-drain output, active low; this pin can be programmed to be either latched or
unlatched.
2
KELALM
Kelvin Alarm Pin for SENSE and DUTGND, Open-Drain Active Low. This pin can be programmed to be either
latched or unlatched.
3
TMPALM
Temperature Alarm Flag. Open-drain output, active low; this pin can be programmed to be either latched or
unlatched.
4
CPOH/CPO
Comparator High Output (CPOH) or Window Comparator Output (CPO).
5
CPOL
Comparator Low Output.
6
BUSY
Open-Drain Active Low Output. This pin indicates the status of the calibration engine for the DAC channels.
7
SDO
Serial Data Output. This pin is used for reading back DAC and DPS register information for diagnostic
purposes.
8
DVCC
Digital Supply Voltage.
9
DGND
Digital Ground Reference Point.
10
SCLK
Clock Input, Active Falling Edge.
11
SDI
Serial Data Input.
12
SYNC
Frame Sync, Active Low.
13
RCLK
Ramp Clock Logic Input. If the ramp function is used, a clock signal of 833 kHz maximum should be applied to
this input to drive the ramp circuitry. Tie RCLK low if it is unused.
14
RESET
Logic Input. This pin is used to reset all internal nodes on the device to their power-on reset value.
15
CLEN/LOAD
Clamp Enable. This input allows the user to enable or disable the clamp circuitry. This pin can be configured
as a LOAD function to allow synchronization of multiple devices. Either CLEN or HW_INH can be chosen as
LOAD input (see the system control register, Address 0x1).
16
HW_INH/LOAD
Hardware Inhibit Input to Disable Force Amplifier. This pin can be configured as a LOAD function to allow
synchronization of multiple devices. Either CLEN or HW_INH can be chosen as a LOAD input (see the system
control register, Address 0x1).
17
REFGND
Accurate Ground Reference for Applied Voltage Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com