Electronic Components Datasheet Search
  English  ▼

X  

AD7450ARZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7450ARZ
Description  Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7450ARZ Datasheet HTML 14Page - Analog Devices AD7450ARZ Datasheet HTML 15Page - Analog Devices AD7450ARZ Datasheet HTML 16Page - Analog Devices AD7450ARZ Datasheet HTML 17Page - Analog Devices AD7450ARZ Datasheet HTML 18Page - Analog Devices AD7450ARZ Datasheet HTML 19Page - Analog Devices AD7450ARZ Datasheet HTML 20Page - Analog Devices AD7450ARZ Datasheet HTML 21Page - Analog Devices AD7450ARZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
AD7450
Rev. A | Page 22
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Branding Information
AD7450ARZ
40°C to +85°C
8-Lead Mini Small Outline Package [SOIC_N]
R-8
AD7450ARZ-REEL
40°C to +85°C
8-Lead Mini Small Outline Package [SOIC_N]
R-8
AD7450ARZ-REEL7
40°C to +85°C
8-Lead Mini Small Outline Package [SOIC_N]
R-8
AD7450ARMZ
40°C to +85°C
8-Lead Standard Small Outline Package [MSOP]
RM-8
C3S
AD7450ARMZ-REEL7
40°C to +85°C
8-Lead Standard Small Outline Package [MSOP]
RM-8
C3S
AD7450BRZ
40°C to +85°C
8-Lead Mini Small Outline Package [SOIC_N]
R-8
AD7450BRMZ
40°C to +85°C
8-Lead Standard Small Outline Package [MSOP]
RM-8
C3R
1 Z = RoHS Compliant Part.
–
REVISION HISTORY
9/10—Rev 0 to Rev. A
Updated Outline Dimensions ........................................................21
Changes to Ordering Guide ...........................................................22
©2002
–2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02646-0-9/10(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com