Electronic Components Datasheet Search
  English  ▼

X  

AD7740KRM Datasheet(PDF) 5 Page - Analog Devices

Part # AD7740KRM
Description  3 V/5 V Low Power, Synchronous Voltage-to-Frequency Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7740KRM Datasheet(HTML) 5 Page - Analog Devices

  AD7740KRM Datasheet HTML 1Page - Analog Devices AD7740KRM Datasheet HTML 2Page - Analog Devices AD7740KRM Datasheet HTML 3Page - Analog Devices AD7740KRM Datasheet HTML 4Page - Analog Devices AD7740KRM Datasheet HTML 5Page - Analog Devices AD7740KRM Datasheet HTML 6Page - Analog Devices AD7740KRM Datasheet HTML 7Page - Analog Devices AD7740KRM Datasheet HTML 8Page - Analog Devices AD7740KRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AD7740
REV. A
–5–
TERMINOLOGY
INTEGRAL NONLINEARITY
For the VFC, Integral Nonlinearity (INL) is a measure of the maxi-
mum deviation from a straight line passing through the actual
endpoints of the VFC transfer function. The error is expressed in
% of the actual frequency span:
Frequency Span = FOUT(max) – FOUT(min)
OFFSET ERROR
Ideally, the output frequency for 0 V input voltage is 10% of
fCLKIN in unbuffered mode. The deviation from this value referred
to the input is the offset error at BUF = 0. In buffered mode the
minimum output frequency (corresponding to 0.10 V minimum
input voltage) is 13.2% of fCLKIN at VREF = 2.5 V. The deviation
from this value referred to the input is the offset error at BUF = 1.
Offset error is expressed in mV.
GAIN ERROR
This is a measure of the span error of the VFC. The gain is the
scale factor that relates the input VIN to the output FOUT.
The gain error is the deviation in slope of the actual VFC transfer
characteristic from the ideal expressed as a percentage of the full-
scale span. See Figure 2.
OFFSET ERROR DRIFT
This is a measure of the change in Offset Error with changes in
temperature. It is expressed in
µV/°C.
GAIN ERROR DRIFT
This is a measure of the change in Gain Error with changes in
temperature. It is expressed in (ppm of span)/
°C.
POWER SUPPLY REJECTION RATIO (PSRR)
This indicates how the apparent input voltage of the VFC is
affected by changes in the supply voltage. The input voltage is
kept constant at 2 V, VREF is 2.5 V and the VDD supply is varied
10% at 3.3 V and
±5% at 5 V. The ratio of the apparent change
in input voltage to the change in VDD is measured in dBs.
0
REFIN
WITH OFFSET
ERROR ONLY
IDEAL
GAIN ERROR
OUTPUT
FREQUENCY
FOUT
0.9 fCLKIN
OFFSET
ERROR
WITH OFFSET
ERROR AND
GAIN ERROR
INPUT
VOLTAGE
VIN
0.1
fCLKIN
Figure 2. Offset and Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com