Electronic Components Datasheet Search
  English  ▼

X  

AD7817ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7817ARZ
Description  Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7817ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7817ARZ Datasheet HTML 9Page - Analog Devices AD7817ARZ Datasheet HTML 10Page - Analog Devices AD7817ARZ Datasheet HTML 11Page - Analog Devices AD7817ARZ Datasheet HTML 12Page - Analog Devices AD7817ARZ Datasheet HTML 13Page - Analog Devices AD7817ARZ Datasheet HTML 14Page - Analog Devices AD7817ARZ Datasheet HTML 15Page - Analog Devices AD7817ARZ Datasheet HTML 16Page - Analog Devices AD7817ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD7817/AD7818
Rev. D | Page 13 of 20
DC Acquisition Time
The ADC starts a new acquisition phase at the end of a conversion
and ends on the falling edge of the CONVST signal. At the end
of a conversion, a settling time is associated with the sampling
circuit. This settling time lasts approximately 100 ns. The
analog signal on VIN is also being acquired during this settling
time. Therefore, the minimum acquisition time needed is
approximately 100 ns.
Figure 10 shows the equivalent charging circuit for the sampling
capacitor when the ADC is in its acquisition phase. R2 represents
the source impedance of a buffer amplifier or resistive network,
R1 is an internal multiplexer resistance, and C1 is the sampling
capacitor.
VIN
C1
3pF
R1
1kΩ
R2
Figure 10. Equivalent Sampling Circuit
During the acquisition phase, the sampling capacitor must be
charged to within a 1/2 LSB of its final value. The time it takes
to charge the sampling capacitor (TCHARGE) is given by
TCHARGE = 7.6 × (R2 + 1 kΩ) × 3 pF
For small values of source impedance, the settling time associated
with the sampling circuit (100 ns) is, in effect, the acquisition
time of the ADC. For example, with a source impedance (R2) of
10 Ω, the charge time for the sampling capacitor is approximately
23 ns. The charge time becomes significant for source impedances
of 1 kΩ and greater.
AC Acquisition Time
In ac applications, it is recommended to always buffer analog
input signals. The source impedance of the drive circuitry must
be kept as low as possible to minimize the acquisition time of
the ADC. Large values of source impedance cause the THD to
degrade at high throughput rates.
ON-CHIP REFERENCE
The AD7817/AD7818 have an on-chip, 1.2 V band gap reference
that is gained up to give an output of 2.5 V. By connecting the
REFIN pin to analog ground, the on-chip reference is selected.
This selection causes SW1 to open and the reference amplifier
to power up during a conversion (see Figure 11). Therefore, the
on-chip reference is not available externally. An external 2.5 V
reference can be connected to the REFIN pin, which has the
effect of shutting down the on-chip reference circuitry and
reducing IDD by approximately 0.25 mA.
1.2V
REFIN
SW1
2.5V
EXTERNAL
REFERENCE
DETECT
BUFFER
1.2V
26kΩ
24kΩ
Figure 11. On-Chip Reference
ADC TRANSFER FUNCTION
The output coding of the AD7817/AD7818 is straight binary. The
designed code transitions occur at successive integer LSB values
(that is, 1 LSB, 2 LSBs, and so on). The LSB size is = 2.5 V/1024 =
2.44 mV. The ideal transfer characteristic is shown in Figure 12.
ANALOG INPUT
0V
1LSB
+2.5V × 1LSB
1LSB = 2.5/1024
2.44mV
111...111
111...110
111...000
011...111
000...010
000...001
000...000
Figure 12. ADC Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com