Electronic Components Datasheet Search
  English  ▼

X  

AD7714YN Datasheet(PDF) 23 Page - Analog Devices

Part # AD7714YN
Description  3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YN Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7714YN Datasheet HTML 19Page - Analog Devices AD7714YN Datasheet HTML 20Page - Analog Devices AD7714YN Datasheet HTML 21Page - Analog Devices AD7714YN Datasheet HTML 22Page - Analog Devices AD7714YN Datasheet HTML 23Page - Analog Devices AD7714YN Datasheet HTML 24Page - Analog Devices AD7714YN Datasheet HTML 25Page - Analog Devices AD7714YN Datasheet HTML 26Page - Analog Devices AD7714YN Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
2
AD7714
REV. C
–23–
value which, when normalized, is subtracted from all conversion
results. The full-scale calibration register contains a value
which, when normalized, is multiplied by all conversion results.
The offset calibration coefficient is subtracted from the result
prior to the multiplication by the full-scale coefficient. This
means that the full-scale coefficient is effectively a span or gain
coefficient.
The AD7714 offers self-calibration, system calibration and
background calibration facilities. For full calibration to occur
on the selected channel, the on-chip microcontroller must record
the modulator output for two different input conditions. These
are “zero-scale” and “full-scale” points. These points are de-
rived by performing a conversion on the different input voltages
provided to the input of the modulator during calibration. As a
result, the accuracy of the calibration can only be as good as the
noise level which the part provides in normal mode. The result
of the “zero-scale” calibration conversion is stored in the Zero
Scale Calibration Register for the appropriate channel. The
result of the “full-scale” calibration conversion is stored in the
Full-Scale Calibration Register for the appropriate channel. With
these readings, the microcontroller can calculate the offset and
the gain slope for the input to output transfer function of the
converter. Internally, the part works with 33 bits of resolution
to determine its conversion result of either 16 bits or 24 bits.
Self-Calibration
A self-calibration is initiated on the AD7714 by writing the
appropriate values (0, 0, 1) to the MD2, MD1 and MD0 bits of
the Mode Register. In the self-calibration mode with a unipolar
input range, the zero-scale point used in determining the cali-
bration coefficients is with the inputs of the differential pair
internally shorted on the part (i.e., AIN(+) = AIN(–) = Internal
Bias Voltage). The PGA is set for the selected gain (as per G2,
G1, G0 bits in the Mode Register) for this zero-scale calibration
conversion. The full-scale calibration conversion is performed at
the selected gain on an internally-generated voltage of VREF/
Selected Gain.
The duration time of the calibration is 6
× 1/Output Rate. This
is made up of 3
× 1/Output Rate for the zero-scale calibration
and 3
× 1/Output Rate for the full-scale calibration. At this time
the MD2, MD1 and MD0 bits in the Mode Register return to
0, 0, 0. This gives the earliest indication that the calibration
sequence is complete. The
DRDY line goes high when calibra-
tion is initiated and does not return low until there is a valid
new word in the data register. The duration time from the cali-
bration command being issued to
DRDY going low is 9
× 1/
Output Rate. This is made up of 3
× 1/Output Rate for the zero-
scale calibration, 3
× 1/Output Rate for the full-scale calibration
and 3
× 1/Output Rate for a conversion on the analog input. If
DRDY is low before (or goes low during) the calibration com-
mand write to the Mode Register, it may take up to one modu-
lator cycle (MCLK IN/128) before
DRDY goes high to indicate
that calibration is in progress. Therefore,
DRDY should be
ignored for up to one modulator cycle after the last bit of the
calibration command is written to the Mode Register.
For bipolar input ranges in the self-calibrating mode, the se-
quence is very similar to that just outlined. In this case, the two
points are exactly the same as above but since the part is config-
ured for bipolar operation, the output code for zero differential
input is 800000 Hex in 24-bit mode.
ANALOG FILTERING
The digital filter does not provide any rejection at integer mul-
tiples of the input sampling frequency, as outlined earlier. How-
ever, due to the AD7714’s high oversampling ratio, these bands
occupy only a small fraction of the spectrum and most broad-
band noise is filtered. This means that the analog filtering re-
quirements in front of the AD7714 are considerably reduced
versus a conventional converter with no on-chip filtering. In
addition, because the part’s common-mode rejection perfor-
mance of 100 dB extends out to several kHz, common-mode
noise in this frequency range will be substantially reduced.
Depending on the application, however, it may be necessary to
provide attenuation prior to the AD7714 in order to eliminate
unwanted frequencies from these bands which the digital filter
will pass. It may also be necessary in some applications to pro-
vide analog filtering in front of the AD7714 to ensure that dif-
ferential noise signals outside the band of interest do not
saturate the analog modulator.
If passive components are placed in front of the AD7714, in
unbuffered mode, care must be taken to ensure that the source
impedance is low enough so as not to introduce gain errors in
the system. This significantly limits the amount of passive anti-
aliasing filtering which can be provided in front of the AD7714
when it is used in unbuffered mode. However, when the part is
used in buffered mode, large source impedances will simply
result in a small dc offset error (a 10 k
Ω source resistance will
cause an offset error of less than 10
µV). Therefore, if the sys-
tem requires any significant source impedances to provide pas-
sive analog filtering in front of the AD7714, it is recommended
that the part be operated in buffered mode.
CALIBRATION
The AD7714 provides a number of calibration options which
can be programmed via the MD2, MD1 and MD0 bits of the
Mode Register. The different calibration options are outlined
in the Mode Register and Calibration Sequences sections. A
calibration cycle may be initiated at any time by writing to these
bits of the Mode Register. Calibration on the AD7714 removes
offset and gain errors from the device. A calibration routine
should be initiated on the device whenever there is a change in
the ambient operating temperature or supply voltage. It should
also be initiated if there is a change in the selected gain, filter
notch or bipolar/unipolar input range.
The AD7714 gives the user access to the on-chip calibration
registers allowing the microprocessor to read the device’s cali-
bration coefficients and also to write its own calibration coeffi-
cients to the part from prestored values in E2PROM. This gives
the microprocessor much greater control over the AD7714’s
calibration procedure. It also means that the user can verify
that the device has performed its calibration correctly by com-
paring the coefficients after calibration with prestored values in
E2PROM. The values in these calibration registers are 24-bit
wide. In addition, the span and offset for the part can be
adjusted by the user.
There is a significant variation in the value of these coefficients
across the different output update rates, gains and unipolar/
bipolar operation. Internally in the AD7714, these coefficients
are normalized before being used to scale the words coming out
of the digital filter. The offset calibration register contains a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com