Electronic Components Datasheet Search
  English  ▼

X  

AD7836AS Datasheet(PDF) 1 Page - Analog Devices

Part # AD7836AS
Description  LC2MOS Quad 14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7836AS Datasheet(HTML) 1 Page - Analog Devices

  AD7836AS Datasheet HTML 1Page - Analog Devices AD7836AS Datasheet HTML 2Page - Analog Devices AD7836AS Datasheet HTML 3Page - Analog Devices AD7836AS Datasheet HTML 4Page - Analog Devices AD7836AS Datasheet HTML 5Page - Analog Devices AD7836AS Datasheet HTML 6Page - Analog Devices AD7836AS Datasheet HTML 7Page - Analog Devices AD7836AS Datasheet HTML 8Page - Analog Devices AD7836AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Quad 14-Bit DAC
AD7836
FEATURES
Four 14-Bit DACs in One Package
Voltage Outputs
Separate Offset Adjust for Each Output
Reference Range of
5 V
Maximum Output Voltage Range of
10 V
Clear Function to User-Defined Code
44-Pin MQFP Package
APPLICATIONS
Process Control
Automatic Test Equipment
General Purpose Instrumentation
GENERAL DESCRIPTION
The AD7836 contains four 14-bit DACs on one monolithic
chip. It has output voltages with a full-scale range of
±10 V
from reference voltages of
±5 V.
The AD7836 accepts 14-bit parallel loaded data from the exter-
nal bus into one of the input latches under the control of the
WR, CS and DAC channel address pins, A0–A2.
The DAC outputs are updated individually, on reception of new
data. In addition, the SEL input can be used to apply the user
programmed value in DAC Register E to all DACs, thus setting
all DAC output voltages to the same level. The contents of the
DAC data registers are not affected by the SEL input.
Each DAC output is buffered with a gain of two amplifier into
which an external DAC offset voltage can be inserted via the
DUTGNDx pins.
The AD7836 is available in a 44-lead MQFP package.
FUNCTIONAL BLOCK DIAGRAM
DATA
REG
A
DATA
REG
B
MUX
DAC A
MUX
MUX
MUX
DATA
REG
C
DATA
REG
D
DATA
REG
E
X1
X1
X1
X1
X1
X1
X1
X1
R
R
R
R
R
R
R
R
INPUT
BUFFER
AD7836
ADDRESS
DECODE
DUTGND D
DUTGND C
VOUTD
DUTGND B
VOUTC
DUTGND A
VOUTB
VOUTA
A0
A1
A2
DB0
WR
CS
DB13
VCC
VSS
VDD
VREF(+)A
SEL
AGND
DGND
14
14
14
14
14
DAC B
DAC D
VREF(–)A VREF(+)B VREF(–)B
DAC B
VREF(+)D VREF(–)D VREF(+)C VREF(–)C
CLR
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - AD7836AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7836AS AD-AD7836AS Datasheet
174Kb / 12P
LC2MOS Quad 14-Bit DAC
REV.A
More results

Similar Description - AD7836AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV.B
AD7535 AD-AD7535 Datasheet
496Kb / 12P
LC2MOS uP-COMPATIBLE 14-BIT DAC
AD7536 AD-AD7536 Datasheet
620Kb / 12P
LC2MOS 14-BIT uP-COMPATIBLE DAC
AD7538 AD-AD7538 Datasheet
148Kb / 8P
LC2MOS uP-Compatible 14-Bit DAC
AD7834 AD-AD7834 Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
AD7836 AD-AD7836 Datasheet
174Kb / 12P
LC2MOS Quad 14-Bit DAC
REV.A
AD7840 AD-AD7840 Datasheet
338Kb / 16P
LC2MOS Complete 14-Bit DAC
REV.B
AD7835ASZ-REEL AD-AD7835ASZ-REEL Datasheet
0Kb / 28P
LC2MOS Quad 14-Bit DACs
REV. D
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
AD7538JRZ AD-AD7538JRZ Datasheet
306Kb / 16P
LC2MOS Microprocessor-Compatible 14-Bit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com