Electronic Components Datasheet Search
  English  ▼

X  

AD7714YR Datasheet(PDF) 32 Page - Analog Devices

Part # AD7714YR
Description  3 V/5 V, CMOS, 500 mu A Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YR Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7714YR Datasheet HTML 28Page - Analog Devices AD7714YR Datasheet HTML 29Page - Analog Devices AD7714YR Datasheet HTML 30Page - Analog Devices AD7714YR Datasheet HTML 31Page - Analog Devices AD7714YR Datasheet HTML 32Page - Analog Devices AD7714YR Datasheet HTML 33Page - Analog Devices AD7714YR Datasheet HTML 34Page - Analog Devices AD7714YR Datasheet HTML 35Page - Analog Devices AD7714YR Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD7714
REV. C
–32–
interfaces which require control of the
CS input on the AD7714,
one of the port bits of the 8XC51 (such as P1.1), which is con-
figured as an output, can be used to drive the
CS input.
AD7714
DATA OUT
POL
CS
SYNC
8XC51
RESET
DATA IN
SCLK
P3.0
P3.1
DVDD
Figure 10. AD7714 to 8051 Interface
The 8XC51 is configured in its Mode 0 serial interface mode.
Its serial interface contains a single data line. As a result, the
DATA OUT and DATA IN pins of the AD7714 should be
connected together. The serial clock on the 8XC51 idles high
between data transfers and, therefore, the POL input of the
AD7714 should be hard-wired to a logic high. The 8XC51
outputs the LSB first in a write operation while the AD7714
expects the MSB first so the data to be transmitted has to be
rearranged before being written to the output serial register.
Similarly, the AD7714 outputs the MSB first during a read
operation while the 8XC51 expects the LSB first. Therefore, the
data that is read into the serial buffer needs to be rearranged
before the correct data word from the AD7714 is available in
the accumulator.
AD7714 to ADSP-2103/ADSP-2105 Interface
Figure 11 shows an interface between the AD7714 and the
ADSP-2103/ADSP-2105 DSP processor. In the interface shown,
the
DRDY bit of the Communications Register is again moni-
tored to determine when the Data Register is updated. The
alternative scheme is to use an interrupt driven system in which
case, the
DRDY output is connected to the IRQ2 input of the
ADSP-2103/ADSP-2105. The
RFS and TFS pins of the
ADSP-2103/ADSP-2105 are configured as active low outputs
and the ADSP-2103/ADSP-2105 serial clock line, SCLK, is
also configured as an output. The POL pin of the AD7714 is
hard-wired low. Because the SCLK from the ADSP-2103/
ADSP-2105 is a continuous clock, the
CS of the AD7714 must
be used to gate off the clock once the transfer is complete. The
CS for the AD7714 is active when either the RFS or TFS
outputs from the ADSP-2103/ADSP-2105 are active. The serial
clock rate on the ADSP-2103/ADSP-2105 should be limited to
3 MHz to ensure correct operation with the AD7714.
AD7714
DATA OUT
CS
SYNC
ADSP-2103/2105
RESET
DATA IN
SCLK
RFS
DR
DT
DVDD
TFS
POL
SCLK
Figure 11. AD7714 to ADSP-2103/ADSP-2105 Interface
CODE FOR SETTING UP THE AD7714
Table XV gives a set of read and write routines in C code for
interfacing the 68HC11 microcontroller to the AD7714. The
sample program sets up the various registers on the AD7714
and reads 1000 samples from the part into the 68HC11. The
setup conditions on the part are exactly the same as those out-
lined for the flowchart of Figure 8. In the example code given
here the
DRDY output is polled to determine if a new valid
word is available in the output register.
The sequence of the events in this program are as follows:
1. Write to the Communications Register, setting the channel.
2. Write to the Filter High Register, setting the 4 MSBs of the
filter word and setting the part for 24-bit read, bipolar mode
with boost off.
3. Write to the Filter Low Register, setting the 8 LSBs of the
filter word.
4. Write to the Mode Register, setting the part for a gain of 1,
burnout current off, no filter synchronization and initiating a
self-calibration.
5. Poll the
DRDY Output.
6. Read the data from the Data Register.
7. Loop around doing steps 5 and 6 until the specified number
of samples have been taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com