Electronic Components Datasheet Search
  English  ▼

X  

AD8014ARZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8014ARZ
Description  400 MHz Low Power High Performance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8014ARZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8014ARZ Datasheet HTML 3Page - Analog Devices AD8014ARZ Datasheet HTML 4Page - Analog Devices AD8014ARZ Datasheet HTML 5Page - Analog Devices AD8014ARZ Datasheet HTML 6Page - Analog Devices AD8014ARZ Datasheet HTML 7Page - Analog Devices AD8014ARZ Datasheet HTML 8Page - Analog Devices AD8014ARZ Datasheet HTML 9Page - Analog Devices AD8014ARZ Datasheet HTML 10Page - Analog Devices AD8014ARZ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD8014
–9–
DRIVING CAPACITIVE LOADS
The AD8014 was designed primarily to drive nonreactive loads.
If driving loads with a capacitive component is desired, best
settling response is obtained by the addition of a small series
resistance as shown in Figure 26. The accompanying graph
shows the optimum value for RSERIES vs. Capacitive Load. It is
worth noting that the frequency response of the circuit when
driving large capacitive loads will be dominated by the passive
roll-off of RSERIES and CL.
40
30
20
010
15
20
25
CL – pF
10
5
Figure 26. Driving Capacitive Load
Choosing Feedback Resistors
Changing the feedback resistor can change the performance of
the AD8014 like any current feedback op amp. The table below
illustrates common values of the feedback resistor and the per-
formance which results.
Table II.
–3 dB BW
–3 dB BW
VO =
0.2 V
VO =
0.2 V
Gain
RF
RG
RL = 1 k
RL = 150
+1
1 k
Ω
Open
480
430
+2
1 k
Ω
1 k
Ω
280
260
+10
1 k
Ω
111
Ω
50
45
–1
1 k
Ω
1 k
Ω
160
150
–2
1 k
Ω
499
Ω
140
130
–10
1 k
Ω
100
Ω
45
40
+2
2 k
Ω
2 k
Ω
200*
180*
+2
750
Ω
750
Ω
260*
210*
+2
499
Ω
499
Ω
280*
230*
*VO = ±1 V.
Video Drivers
The AD8014 easily drives series terminated cables with video
signals. Because the AD8014 has such good output drive you
can parallel two or three cables driven from the same AD8014.
Figure 23 shows the differential gain and phase driving one
video cable. Figure 24 shows the differential gain and phase
driving two video cables. Figure 25 shows the differential gain
and phase driving three video cables.
0.10
0.05
0.00
–0.05
–0.10
0.60
0.40
0.20
–0.20
–0.40
0.00
–0.60
0.00
0.02 0.04
0.05 0.05
0.05
0.04
0.04 0.04
0.04
0.03
0.00
0.01 0.10
0.21 0.26
0.28
0.29
0.30 0.30
0.30
0.30
1ST
2ND 3RD
4TH
5TH
6TH
7TH
8TH
9TH 10TH 11TH
Figure 23. Differential Gain and Phase RF = 500, ±5 V, RL =
150
Ω, Driving One Cable, G = +2
0.30
0.20
0.10
–0.10
–0.20
0.60
0.40
0.20
–0.20
–0.40
0.00
–0.60
0.00 –0.02 0.03
0.05 0.06
0.06 0.05
0.05
0.07
0.10
0.14
0.00
0.07 0.24
0.40 0.43
0.44 0.43
0.40
0.35
0.26
0.16
1ST
2ND 3RD
4TH
5TH
6TH
7TH
8TH
9TH 10TH 11TH
0.00
–0.30
Figure 24. Differential Gain and Phase RF = 500, ±5 V, RL =
75
Ω, Driving Two Cables, G = +2
0.60
0.40
0.20
–0.40
–0.60
0.00
–0.80
0.00
0.44 0.52
0.54
0.52
0.52 0.50
0.48 0.47
0.44
0.45
0.00
0.10 0.32
0.53
0.57
0.59 0.58
0.56 0.54
0.51
0.48
1ST
2ND 3RD
4TH
5TH
6TH
7TH
8TH
9TH 10TH 11TH
–0.20
0.80
0.60
0.40
0.20
–0.40
–0.60
0.00
–0.80
–0.20
0.80
Figure 25. Differential Gain and Phase RF = 500, ±5 V, RL =
50
Ω, Driving Three Cables, G = +2
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com