Electronic Components Datasheet Search
  English  ▼

X  

AD7495ARM Datasheet(PDF) 11 Page - Analog Devices

Part # AD7495ARM
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7495ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7495ARM Datasheet HTML 7Page - Analog Devices AD7495ARM Datasheet HTML 8Page - Analog Devices AD7495ARM Datasheet HTML 9Page - Analog Devices AD7495ARM Datasheet HTML 10Page - Analog Devices AD7495ARM Datasheet HTML 11Page - Analog Devices AD7495ARM Datasheet HTML 12Page - Analog Devices AD7495ARM Datasheet HTML 13Page - Analog Devices AD7495ARM Datasheet HTML 14Page - Analog Devices AD7495ARM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7475/AD7495
Rev. B | Page 11 of 24
)
TERMINOLOGY
Integral Nonlinearity
The maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. The endpoints of
the transfer function are zero scale, a point ½ LSB below the
first code transition, and full scale, a point ½ LSB above the last
code transition.
Differential Nonlinearity
The difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
The deviation of the first code transition (00 . . . 000) to
(00 . . . 001) from the ideal, that is, AGND + 0.5 LSB.
Gain Error
This is the deviation of the last code transition (111. . . 110) to
(111. . . 111) from the ideal (that is, VREF − 1.5 LSB) after the
offset error has been adjusted out.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns into track mode on the
13
th SCLK rising edge (see the Serial Interface section). The
track-and-hold acquisition time is the minimum time required
for the track-and-hold amplifier to remain in track mode for its
output to reach and settle to within 0.5 LSB of the applied input
signal, given a step change to the input signal.
Signal-to-Noise and Distortion Ratio (SINAD)
The measured ratio of signal-to-noise and distortion at the
output of the analog-to-digital converter (ADC). The signal is
the rms amplitude of the fundamental. Noise is the sum of all
nonfundamental signals up to half the sampling frequency
(fS/2), excluding dc. The ratio is dependent on the number of
quantization levels in the digitization process; the more levels,
the smaller the quantization noise. The theoretical SINAD ratio
for an ideal N-bit converter with a sine wave input is given by
() (
dB
76
.
1
02
.
6
+
=
+
N
Distortion
Noise
to
Signal
For a 12-bit converter, the SINAD is 74 dB.
Total Harmonic Distortion (THD)
The ratio of the rms sum of harmonics to the fundamental. For
the AD7475/AD7495, THD is defined as
()
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
dB
+
+
+
+
=
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.
Peak Harmonic or Spurious Noise
The ratio of the rms value of the next largest component in
the ADC output spectrum (up to fS/2 and excluding dc) to
the rms value of the fundamental. Normally, the value of this
specification is determined by the largest harmonic in the
spectrum, but for ADCs where the harmonics are buried in
the noise floor, it is a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation distortion terms are those
for which neither m nor n is equal to zero. For example, the
second-order terms include (fa + fb) and (fa − fb), while the
third-order terms include (2fa + fb), (2fa − fb), (fa + 2fb), and
(fa − 2fb).
The AD7475/AD7495 are tested using the CCIF standard where
two input frequencies near the top end of the input bandwidth
are used. In this case, the second-order terms are usually
distanced in frequency from the original sine waves while the
third order terms are usually at a frequency close to the input
frequencies. As a result, the second- and third-order terms are
specified separately. Like THD, intermodulation distortion is
calculated as the rms sum of the individual distortion products
to the rms amplitude of the sum of the fundamentals, expressed
in dBs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com