Electronic Components Datasheet Search
  English  ▼

X  

AD8037AR Datasheet(PDF) 18 Page - Analog Devices

Part # AD8037AR
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8037AR Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8037AR Datasheet HTML 14Page - Analog Devices AD8037AR Datasheet HTML 15Page - Analog Devices AD8037AR Datasheet HTML 16Page - Analog Devices AD8037AR Datasheet HTML 17Page - Analog Devices AD8037AR Datasheet HTML 18Page - Analog Devices AD8037AR Datasheet HTML 19Page - Analog Devices AD8037AR Datasheet HTML 20Page - Analog Devices AD8037AR Datasheet HTML 21Page - Analog Devices AD8037AR Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8036/AD8037
REV. B
–17–
closed-loop gain at the output. For instance, to set an output
limit of
±1 V for an AD8037 operating at a gain of 3.0, V
H and
VL would need to be set to +0.333 V and –0.333 V, respectively.
The only restriction on using the AD8036’s and AD8037’s
+VIN, VL, VH pins as inputs is that the maximum voltage differ-
ence between +VIN and VH or VL should not exceed 6.3 V, and
all three voltages be within the supply voltage range. For example,
if VL is set at –3 V, then VIN should not exceed +3.3 V.
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INPUT VOLTAGE – +VIN
1.6
0.6
1.2
0.8
1.0
1.4
AD8036
OUTPUT CLAMP AMP
CLAMP ERROR – 25mV
AD8036
CLAMP ERROR – >200mV
OUTPUT CLAMP
Figure 7. Output Clamp Error vs. Input Clamp Error
AD8036/AD8037 APPLICATIONS
The AD8036 and AD8037 use a unique input clamping circuit
to perform the clamping function. As a result, they provide the
clamping function better than traditional output clamping
devices and provide additional flexibility to perform other
unique applications.
There are, however, some restrictions on circuit configurations;
and some calculations need to be performed in order to figure
the clamping level, as a result of clamping being performed at
the input stage.
The major restriction on the clamping feature of the AD8036/
AD8037 is that clamping occurs only when using the amplifiers
in the noninverting mode. To clamp in an inverting circuit, an
additional inverting gain stage is required. Another restriction is
that VH be greater than VL, and that each be within the output
voltage range of the amplifier (
±3.9 V). V
H can go below ground
and VL can go above ground as long as VH is kept higher than VL.
Unity Gain Clamping
The simplest circuit for calculating the clamp levels is a unity
gain follower as shown in Figure 8. In this case, the AD8036
should be used since it is compensated for noninverting unity gain.
This circuit will clamp at an upper voltage set by VH (the voltage
applied to Pin 8) and a lower voltage set by VL (the voltage
applied to Pin 5).
Clamping with Gain
Figure 9 shows an AD8037 configured for a noninverting gain
of two. The AD8037 is used in this circuit since it is compen-
sated for gains of two or greater and provides greater bandwidth.
In this case, the high clamping level at the output will occur at
+5V
RF
140
–5V
130
VH
VL
VIN
VOUT
0.1 F
10 F
0.1 F
AD8036
0.1 F10 F
VH
0.1 F
VL
Figure 8. Unity Gain Noninverting Clamp
2
× VH and the low clamping level at the output will be 2 × VL.
The equations governing the output clamp levels in circuits con-
figured for noninverting gain are:
VCH = G
× V
H
VCL = G
× V
L
where:
VCH is the high output clamping level
VCL is the low output clamping level
G is the gain of the amplifier configuration
VH is the high input clamping level (Pin 8)
VL is the low input clamping level (Pin 5)
*Amplifier offset is assumed to be zero.
+5V
RF
274
–5V
100
VH
VL
VIN
VOUT
0.1 F
10 F
0.1 F
AD8037
0.1 F10 F
VH
0.1 F
VL
RG
274
49.9
Figure 9. Gain of Two Noninverting Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com