Electronic Components Datasheet Search
  English  ▼

X  

AD8132ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8132ARMZ
Description  Low Cost, High Speed Differential Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8132ARMZ Datasheet HTML 5Page - Analog Devices AD8132ARMZ Datasheet HTML 6Page - Analog Devices AD8132ARMZ Datasheet HTML 7Page - Analog Devices AD8132ARMZ Datasheet HTML 8Page - Analog Devices AD8132ARMZ Datasheet HTML 9Page - Analog Devices AD8132ARMZ Datasheet HTML 10Page - Analog Devices AD8132ARMZ Datasheet HTML 11Page - Analog Devices AD8132ARMZ Datasheet HTML 12Page - Analog Devices AD8132ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AD8132
Rev. I | Page 8 of 32
±DIN TO ±OUT SPECIFICATIONS
At TA = 25°C, VS = 3 V, VOCM = 1.5 V, G = +1, RL,dm = 499 Ω, RF = RG = 348 Ω, unless otherwise noted. For G = +2, RL,dm = 200 Ω, RF = 1000 Ω,
RG = 499 Ω. Refer to Figure 56 and Figure 57 for test setup and label descriptions. All specifications refer to single-ended input and
differential outputs, unless otherwise noted.
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Large Signal Bandwidth
VOUT = 1 V p-p
350
MHz
VOUT = 1 V p-p, G = +2
165
MHz
−3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
350
MHz
VOUT = 0.2 V p-p, G = +2
150
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 0.2 V p-p
45
MHz
VOUT = 0.2 V p-p, G = +2
50
MHz
NOISE/HARMONIC PERFORMANCE
Second Harmonic
VOUT = 1 V p-p, 1 MHz, RL, dm = 800 Ω
−100
dBc
VOUT = 1 V p-p, 5 MHz, RL, dm = 800 Ω
−94
dBc
VOUT = 1 V p-p, 20 MHz, RL, dm = 800 Ω
−77
dBc
Third Harmonic
VOUT = 1 V p-p, 1 MHz, RL, dm = 800 Ω
−90
dBc
VOUT = 1 V p-p, 5 MHz, RL, dm = 800 Ω
−85
dBc
VOUT = 1 V p-p, 20 MHz, RL, dm = 800 Ω
−66
dBc
INPUT CHARACTERISTICS
Offset Voltage (RTI)
VOS, dm = VOUT, dm/2; VDIN+ = VDIN− = VOCM = 1.5 V
±10
mV
Input Bias Current
3
μA
Input Common-Mode Voltage
0.3 to 1.0
V
CMRR
ΔVOUT, dm/ΔVIN, cm; ΔVIN, cm = ±0.5 V; resistors matched to 0.01%
−60
dB
VOCM TO ±OUT SPECIFICATIONS
At TA = 25°C, VS = 3 V, VOCM = 1.5 V, G = +1, RL,dm = 499 Ω, RF = RG = 348 Ω, unless otherwise noted. For G = +2, RL,dm = 200 Ω, RF = 1000 Ω,
RG = 499 Ω. Refer to Figure 56 and Figure 57 for test setup and label descriptions. All specifications refer to single-ended input and
differential outputs, unless otherwise noted.
Table 6.
Parameter
Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
Input Offset Voltage
VOS, cm = VOUT, cm; VDIN+ = VDIN− = VOCM = 1.5 V
±7
mV
Gain
ΔVOUT, cm/ΔVOCM; ΔVOCM = ±0.5 V
1
V/V
POWER SUPPLY
Operating Range
2.7
11
V
Quiescent Current
VDIN+ = VDIN− = VOCM = 0 V
7.25
mA
Power Supply Rejection Ratio
ΔVOUT, dm/ΔVS; ΔVS = ±0.5 V
−70
dB
OPERATING TEMPERATURE RANGE
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com