Electronic Components Datasheet Search
  English  ▼

X  

AD9281ARSZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9281ARSZ
Description  Dual Channel 8-Bit Resolution CMOS ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9281ARSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9281ARSZ Datasheet HTML 3Page - Analog Devices AD9281ARSZ Datasheet HTML 4Page - Analog Devices AD9281ARSZ Datasheet HTML 5Page - Analog Devices AD9281ARSZ Datasheet HTML 6Page - Analog Devices AD9281ARSZ Datasheet HTML 7Page - Analog Devices AD9281ARSZ Datasheet HTML 8Page - Analog Devices AD9281ARSZ Datasheet HTML 9Page - Analog Devices AD9281ARSZ Datasheet HTML 10Page - Analog Devices AD9281ARSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AD9281
–7–
CLOCK FREQUENCY – Hz
70
20
1.00E+06
1.00E+08
1.00E+07
55
65
60
50
45
40
35
30
25
Figure 9. THD vs. Clock Frequency
TEMPERATURE – C
1.013
1.012
1.008
–40
100
–20
020
40
60
80
1.011
1.010
1.009
Figure 10. Voltage Reference Error vs. Temperature
CLOCK FREQUENCY – MHz
185
032
4
8
1216
20
2428
220
210
200
190
240
230
225
215
205
235
195
Figure 11. Power Consumption vs. Clock Frequency
CODE
1.20E+07
1.00E+07
0.00E+00
N+1
N–1
N
8.00E+06
6.00E+06
4.00E+06
2.00E+06
12050
10000000
800
Figure 12. Grounded Input Histogram
INPUT FREQUENCY – Hz
0
1.00E+06
–3
–6
–9
–12
–15
–21
1.00E+07
1.00E+08
1.00E+09
–24
–27
–18
Figure 13. Full Power Bandwidth
INPUT FREQUENCY – Hz
50
1.00E+05
45
40
35
30
25
1.00E+06
1.00E+07
1.00E+08
–0.5dB
–6dB
–20dB
Figure 14. SNR vs. Input Frequency (Single-Ended)
REV. F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com