Electronic Components Datasheet Search
  English  ▼

X  

PMDXB600UNE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMDXB600UNE
Description  20 V, dual N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDXB600UNE Datasheet(HTML) 2 Page - NXP Semiconductors

  PMDXB600UNE Datasheet HTML 1Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 2Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 3Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 4Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 5Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 6Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 7Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 8Page - NXP Semiconductors PMDXB600UNE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMDXB600UNE
20 V, dual N-channel Trench MOSFET
PMDXB600UNE
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
16 September 2013
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
S1
source TR1
2
G1
gate TR1
3
D2
drain TR2
4
S2
source TR2
5
G2
gate TR2
6
D1
drain TR1
7
D1
drain TR1
8
D2
drain TR2
Transparent top view
1
6
7
8
2
3
5
4
DFN1010B-6 (SOT1216)
017aaa256
D1
S1
G1
D2
S2
G2
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMDXB600UNE
DFN1010B-6
plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals
SOT1216
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMDXB600UNE
00 10 00
MARKING CODE
(EXAMPLE)
PIN 1
INDICATION MARK
VENDOR CODE
YEAR DATE
CODE
READING
DIRECTION
READING EXAMPLE:
11
01
10
aaa-007665
MARK-FREE AREA
Fig. 1. DFN1010B-6 (SOT1216) binary marking code description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com