Electronic Components Datasheet Search
  English  ▼

X  

TLP118 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP118
Description  TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP118 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP118 Datasheet HTML 1Page - Toshiba Semiconductor TLP118 Datasheet HTML 2Page - Toshiba Semiconductor TLP118 Datasheet HTML 3Page - Toshiba Semiconductor TLP118 Datasheet HTML 4Page - Toshiba Semiconductor TLP118 Datasheet HTML 5Page - Toshiba Semiconductor TLP118 Datasheet HTML 6Page - Toshiba Semiconductor TLP118 Datasheet HTML 7Page - Toshiba Semiconductor TLP118 Datasheet HTML 8Page - Toshiba Semiconductor TLP118 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TLP118
2010-03-02
2
Absolute Maximum Ratings (Ta=25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
25
mA
Forward Current Derating (Ta ≥ 110
°C)
ΔIF /°C
-0.67
mA/
°C
Pulse Forward Current
(Note 1)
IFP
50
mA
Pulse Forward Current Derating (Ta ≥ 110
°C)
ΔIFP /°C
-1.34
mA/
°C
Reverse Voltage
VR
5
V
Output Current 1 (Ta
≤ 125℃)
IO
25
mA
Output Voltage
VO
6
V
Supply Voltage
VCC
6
V
Output Power Dissipation
PO
80
mW
Output Power Dissipation Derating (Ta ≥ 110
°C)
ΔPO /°C
-2.0
mW/
°C
Operating Temperature Range
Topr
-40 to 125
°C
Storage Temperature Range
Tstg
-55 to 125
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC,1 min.,R.H.
≤ 60%,Ta=25°C)
(Note 2)
BVs
3750
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width
≤ 1ms, duty = 50%.
Note 2: This device is regarded as a two terminal device: pins 1 and 3 are shorted together,
as are pins 4, 5 and 6.
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
Input Current , High Level
IFH
7.5
-
15
mA
Input Voltage , Low Level
VFL
0
-
0.8
V
Supply Voltage*
VCC
4.5
-
5.5
V
Operating Temperature
Topr
-40
-
125
°C
* This item denotes operating range, not meaning of recommended operating conditions.
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com