Electronic Components Datasheet Search
  English  ▼

X  

TLP152 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP152
Description  Photocouplers GaA As Infrared LED & Photo IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP152 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP152 Datasheet HTML 1Page - Toshiba Semiconductor TLP152 Datasheet HTML 2Page - Toshiba Semiconductor TLP152 Datasheet HTML 3Page - Toshiba Semiconductor TLP152 Datasheet HTML 4Page - Toshiba Semiconductor TLP152 Datasheet HTML 5Page - Toshiba Semiconductor TLP152 Datasheet HTML 6Page - Toshiba Semiconductor TLP152 Datasheet HTML 7Page - Toshiba Semiconductor TLP152 Datasheet HTML 8Page - Toshiba Semiconductor TLP152 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLP152
5
11.
11.
11.
11. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 100
= -40 to 100
= -40 to 100
= -40 to 100
))))
Characteristics
Propagation delay time
(L/H)
Propagation delay time
(H/L)
Propagation delay time
(L/H)
Propagation delay time
(H/L)
Propagation delay skew
(device to device)
Pulse width distortion
Rise time
Fall time
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpLH
tpHL
tpLH
tpHL
tpsk
|tpHL-tpLH|
tr
tf
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 4)
(Note 1)
(Note 1)
(Note 1)
(Note 2)
(Note 3)
Test
Circuit
Fig.
12.1.7
Fig.
12.1.8
Test Condition
IF = 0 → 10 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF,Ta = 25
IF = 10 → 0 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF,Ta = 25
IF = 0 → 10 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 10 → 0 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 0 ←→ 10 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 0 ←→ 10 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 0 → 10 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
IF = 10 → 0 mA, VCC = 30 V,
Rg = 20 Ω, Cg = 10 nF
VCM = 1000 Vp-p, IF = 10 mA,
VCC = 30 V, Ta = 25,
VO(min) = 26 V
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 30 V, Ta = 25,
VO(max) = 1 V
Min
50
50
-85
±20
±20
Typ.
95
110
95
110
15
18
22
Max
145
165
170
190
85
50
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25.
Note 1: Input signal ( f = 125 kHz, duty = 50%, tr = tf = 5 ns or less ).
CL is approximately 15 pF which includes probe and stray wiring capacitance.
Note 2: CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage
in the logic high state (VO > 26 V).
Note 3: CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in
the logic low state (VO < 1 V).
Note 4: The propagation delay skew, tpsk, is equal to the magnitude of the worst-case difference in tpHL and/or tpLH
that will be seen between units at the same given conditions (supply voltage, input current, temperature, etc).
2012-09-14
Rev.3.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com