Electronic Components Datasheet Search
  English  ▼

X  

TLP285-4 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TLP285-4
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP285-4 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TLP285-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 9Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 10Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 11Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 12Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 13Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 14Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 15Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TLP285-4
2009-05-27
14
Insulation Related Specifications
Minimum creepage distance
Cr
5.0mm
Minimum clearance
Cl
5.0mm
Minimum insulation thickness
ti
0.4mm
Comparative tracking index
CTl
175
1. If a printed circuit is incorporated, the creepage distance and clearance may be reduced below this value.
(e.g. at a standard distance between soldering eye centers of 3.5mm).
If this is not permissible, the user shall take suitable measures.
2. This photocoupler is suitable for ‘safe electrical isolation’ only within the safety limit data.
Maintenance of the safety data shall be ensured by means of protective circuit.
VDE test sign:Marking on product
for EN60747
:
Marking on packing
for EN60747
Marking Example:TLP285-4(F)
V
VDE
1pin indication
CTR Rank Marking
Lot No.
Type name
Mark for option (V4))
TLP285-4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com