Electronic Components Datasheet Search
  English  ▼

X  

TLP700 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP700
Description  TOSHIBA Photocoupler GaAAs IRED Photo IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP700 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP700 Datasheet HTML 1Page - Toshiba Semiconductor TLP700 Datasheet HTML 2Page - Toshiba Semiconductor TLP700 Datasheet HTML 3Page - Toshiba Semiconductor TLP700 Datasheet HTML 4Page - Toshiba Semiconductor TLP700 Datasheet HTML 5Page - Toshiba Semiconductor TLP700 Datasheet HTML 6Page - Toshiba Semiconductor TLP700 Datasheet HTML 7Page - Toshiba Semiconductor TLP700 Datasheet HTML 8Page - Toshiba Semiconductor TLP700 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLP700
2010-02-23
1
Unit in mm
Weight: 0.26 g (t yp.)
4.58±0.25
9.7±0.3
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1 2 3
6 5 4
11-5J1
TOSHIBA
11-5J1
TOSHIBA Photocoupler GaAℓAs IRED + Photo IC
TLP700
Industrial inverters
Inverter for air conditioners
IGBT/Power MOSFET gate drive
TLP700 consists of a GaAℓAs light-emitting diode and an integrated
photodetector.
This unit is 6-lead SDIP package. The TLP700 is 50% smaller than the 8-pin
DIP and meets the reinforced insulation class requirements of international safety
standards. Therefore the mounting area can be reduced in equipment requiring
safety standard certification.
The TLP700 is suitable for gate driving circuits for IGBTs or power MOSFETs.
In particular, the TLP700 is capable of “direct” gate driving of low-power IGBTs.
• Peak output current:
±2.0 A (max)
• Guaranteed performance over temperature: −40 to 100°C
• Supply current:
2 mA (max)
• Power supply voltage:
15 to 30 V
• Threshold input current:
IFLH = 5 mA (max)
• Switching time (tpLH / tpHL):
500 ns (max)
• Common mode transient immunity:
±15 kV/μs (min)
• Isolation voltage:
5000 Vrms (min)
• Construction mechanical rating
7.62-mm pitch
standard type
10.16-mm pitch
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
•
UL recognized:
UL1577, File No. E67349
•
Option (D4) type
TÜV approved:
EN60747-5-2
Maximum operating insulation voltage: 890 Vpk
Highest permissible over voltage:
8000 Vpk
( Note ) When a EN60747-5-2 approved type is needed,
please designate the “Option(D4)”
Truth Table
Input
LED
M1
M2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
1: ANODE
2: N.C
3: CATHODE
4: GND
5: VO ( OUTPUT )
6: VCC
1
3
4
5
6
2
SHIELD
Pin Configuration (Top View)
A 0.1-
μF bypass capacitor must be connected
between pins 6 and 4. (See Note 6.)
Schematic
VCC
GND
ICC
(M1)
(M2)
IO
IF
1+
4
5
6
VO
VF
3-
SHIELD


Similar Part No. - TLP700

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results

Similar Description - TLP700

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP190B TOSHIBA-TLP190B Datasheet
124Kb / 5P
TOSHIBA Photocoupler GaAAs Ired & Photo−Diode Array
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP551 TOSHIBA-TLP551 Datasheet
320Kb / 8P
PHOTOCOUPLER GaAAs IRED PHOTO IC
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
TOSHIBA Photocoupler IRED Photo IC
2019-05-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com