Electronic Components Datasheet Search
  English  ▼

X  

TLP714F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP714F
Description  Photocouplers GaAAs Infrared LED & Photo IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP714F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP714F Datasheet HTML 1Page - Toshiba Semiconductor TLP714F Datasheet HTML 2Page - Toshiba Semiconductor TLP714F Datasheet HTML 3Page - Toshiba Semiconductor TLP714F Datasheet HTML 4Page - Toshiba Semiconductor TLP714F Datasheet HTML 5Page - Toshiba Semiconductor TLP714F Datasheet HTML 6Page - Toshiba Semiconductor TLP714F Datasheet HTML 7Page - Toshiba Semiconductor TLP714F Datasheet HTML 8Page - Toshiba Semiconductor TLP714F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLP714F
4
9.
9.
9.
9. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125
, V
, V
, V
, VCC
CC
CC
CC
= 4.5 to 30 V)
= 4.5 to 30 V)
= 4.5 to 30 V)
= 4.5 to 30 V)
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
High-level output current
Low-level output voltage
High-level supply current
Low-level supply current
Output current
Threshold input current (H/L)
Threshold input voltage (L/H)
Symbol
VF
∆VF/∆Ta
IR
Ct
IOH
VOL
ICCH
ICCL
IO
IFHL
VFLH
Note Test Circuit
Fig. 12.1.1
Fig. 12.1.2
Fig. 12.1.3
Fig. 12.1.4
Fig. 12.1.5
Test Condition
IF = 10 mA, Ta = 25
IF = 10 mA
VR = 5 V, Ta = 25
V = 0 V, f = 1 MHz
VF = 0.8 V, VO < VCC
IF = 10 mA, IO = 2.4 mA
IF = 0 mA
IF = 10 mA
IF = 10 mA, VO = 0.6 V
IO = 0.75 mA, VO < 0.8 V
IO = 0.75 mA, VO > 2.0 V
Min
1.45
4.0
0.8
Typ.
1.55
-2.0
60
0.2
1.0
1.0
1.0
Max
1.7
10
50
0.6
1.3
1.3
5.0
Unit
V
mV/
µA
pF
µA
V
mA
V
Note:
All typical values are at Ta = 25.
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 1 min
AC, 1 s in oil
DC, 1 min in oil
Min
1×1012
5000
Typ.
0.8
1014
10000
10000
Max
Unit
pF
Ω
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4, 5 and 6
are shorted together.
11.
11.
11.
11. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125
, V
, V
, V
, VCC
CC
CC
CC
= 15 V)
= 15 V)
= 15 V)
= 15 V)
Characteristics
Propagation delay time (H/L)
Propagation delay time (L/H)
Pulse width distortion
Propagation delay skew
(device to device)
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpHL
tpLH
|tpHL-
tpLH|
tpsk
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1),
(Note 2)
Test
Circuit
Fig.
12.1.6
Fig.
12.1.7
Test Condition
IF = 0 → 10 mA, RL = 20 kΩ,
CL = 100 pF
IF = 0 → 10 mA, RL = 20 kΩ,
CL = 10 pF
IF = 10 → 0 mA, RL = 20 kΩ,
CL = 100 pF
IF = 10 → 0 mA, RL = 20 kΩ,
CL = 10 pF
IF = 10 mA, RL = 20 kΩ,
CL = 100 pF
VCM = 1500 Vp-p, IF = 0 mA,
RL = 20 kΩ, Ta = 25,
CL = 10 pF or 100 pF
VCM = 1500 Vp-p, IF = 10 mA,
RL = 20 kΩ, Ta = 25,
CL = 10 pF or 100 pF
Min
30
150
-50
±20
±20
Typ.
150
70
350
110
±25
±25
Max
400
550
400
450
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25.
Note 1: Input signal (f = 10 kHz, duty = 10%, input current tr = tf = 5 ns or less )
Note 2: The propagation delay skew, tpsk, is defined as the propagation delay time of the largest or smallest tpLH minus
the largest or smallest tpHL of multiple samples. Evaluations of these samples are conducted under identical
test conditions (supply voltage, input current, temperature, etc).
2012-09-16
Rev.3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com