Electronic Components Datasheet Search
  English  ▼

X  

TLP715 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP715
Description  TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP715 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP715 Datasheet HTML 1Page - Toshiba Semiconductor TLP715 Datasheet HTML 2Page - Toshiba Semiconductor TLP715 Datasheet HTML 3Page - Toshiba Semiconductor TLP715 Datasheet HTML 4Page - Toshiba Semiconductor TLP715 Datasheet HTML 5Page - Toshiba Semiconductor TLP715 Datasheet HTML 6Page - Toshiba Semiconductor TLP715 Datasheet HTML 7Page - Toshiba Semiconductor TLP715 Datasheet HTML 8Page - Toshiba Semiconductor TLP715 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP715
2012-12-19
2
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current (Ta ≤ 83
°C)
IF
20
mA
Forward Current Derating (Ta ≥ 83
°C)
ΔIF/ΔTa
−0.48
mA/
°C
Peak Transient Forward Current (Note 1)
IFPT
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Output Current 1 (Ta ≤ 25
°C)
IO1
25 / −15
mA
Output Current 2 (Ta ≤ 100
°C)
IO2
13 / −13
mA
Output Voltage
VO
−0.5 to 20
V
Supply Voltage
VCC
−0.5 to 20
V
Junction Temperature
Tj
125
°C
Operating Temperature Range
Topr
−40 to 100
°C
Storage Temperature Range
Tstg
−55 to 125
°C
Lead Solder Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC,1 min., R.H. ≤ 60%, Ta = 25
°C) (Note 2)
BVs
5000
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width PW ≤ 1μs, 300pps.
Note 2: Device Considered a two terminal device : pins 1,2 and 3 shorted together and pins 4,5 and 6 shorted
together.
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
Input Current, ON
IF (ON)
4.5
−
10
mA
Input Voltage, OFF
VF (OFF)
0
−
0.8
V
Supply Voltage*
VCC
4.5
−
20
V
Operating Temperature
Topr
-40
−
100
°C
* This item denotes operating ranges, not meaning of recommended operating conditions.
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com