Electronic Components Datasheet Search
  English  ▼

X  

AD9852AST Datasheet(PDF) 23 Page - Analog Devices

Part # AD9852AST
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852AST Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9852AST Datasheet HTML 19Page - Analog Devices AD9852AST Datasheet HTML 20Page - Analog Devices AD9852AST Datasheet HTML 21Page - Analog Devices AD9852AST Datasheet HTML 22Page - Analog Devices AD9852AST Datasheet HTML 23Page - Analog Devices AD9852AST Datasheet HTML 24Page - Analog Devices AD9852AST Datasheet HTML 25Page - Analog Devices AD9852AST Datasheet HTML 26Page - Analog Devices AD9852AST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
AD9852
Rev. E | Page 23 of 52
OUT
ADDER
CLR ACC2
CLR ACC1
HOLD
PHASE
ACCUMULATOR
SYSTEM
CLOCK
FREQUENCY
TUNING
WORD 1
20-BIT
RAMP RATE
CLOCK
48-BIT DELTA
FREQUENCY
WORD (TWOS
COMPLEMENT)
FREQUENCY
ACCUMULATOR
Figure 40. FM Chirp Components
F1
0
FREQUENCY
010 (RAMPED FSK)
F1
000 (DEFAULT)
0
MODE
TW1
DFW
RAMP RATE
I/O UD CLK
Figure 41. Example of a Nonlinear Chirp
Basic FM Chirp Programming Steps
1.
Program a start frequency into Frequency Tuning Word 1
(Parallel Register Address 4 hex to Parallel Register
Address 9 hex), hereafter called FTW1.
2.
Program the frequency step resolution into the 48-bit, twos
complement delta frequency word (Parallel Register
Address 10 hex to Parallel Register Address 15 hex).
3.
Program the rate of change (time at each frequency) into
the 20-bit ramp rate clock (Parallel Register Address 1A hex
to Parallel Register Address 1C hex).
When programming is complete, an I/O update pulse at Pin 20
engages the program commands.
The necessity for a twos complement delta frequency word is to
define the direction in which the FM chirp moves. If the 48-bit
delta frequency word is negative (MSB is high), the incremental
frequency changes are in a negative direction from FTW1. If the
48-bit word is positive (MSB is low), the incremental frequency
changes are in a positive direction from FTW1.
It is important to note that FTW1 is only a starting point for
FM chirp. There is no built-in restraint requiring a return to
FTW1. Once the FM chirp begins, it is free to move (under
program control) within the Nyquist bandwidth (dc to one-half
the system clock). However, instant return to FTW1 can be
easily achieved.
Two control bits (CLR ACC1 and CLR ACC2) are available in the
FM chirp mode that allow the device to return to the beginning
frequency, FTW1, or to 0 Hz. When the CLR ACC1 bit (Register
Address 1F hex) is set high, the 48-bit frequency accumulator
(ACC1) output is cleared with a retriggerable one-shot pulse of
one system clock duration. The 48-bit delta frequency word input
to the accumulator is unaffected by the CLR ACC1 bit. If the
CLR ACC1 bit is held high, a one-shot pulse is delivered to the
frequency accumulator (ACC1) on every rising edge of the I/O
update clock. The effect is to interrupt the current chirp, reset the
frequency to that programmed into FTW1, and continue the chirp
at the previously programmed rate and direction. Figure 42 shows
clearing of the frequency accumulator output in chirp mode.
Shown in the diagram is the I/O update clock, which is either user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com